Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTN25040DFL Datasheet (PDF) - Diodes Incorporated

ZXTN25040DFL Datasheet PDF - Diodes Incorporated
Part # ZXTN25040DFL
Download  ZXTN25040DFL Download
File Size   446.88 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V, SOT23, NPN low power transistor

ZXTN25040DFL Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN25040DFL Datasheet PDF - Diodes Incorporated

Part # ZXTN25040DFL
Download  ZXTN25040DFL Click to download

File Size   446.88 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V, SOT23, NPN low power transistor

ZXTN25040DFL Datasheet (HTML) - Diodes Incorporated


ZXTN25040DFL Product details

Description
Advanced process capability has been used to achieve high current gain hold up making this device ideal for applications requiring high pulse currents.

Features
• High peak current
• Low saturation voltage
• 130V forward blocking voltage
• 6V reverse blocking voltage

Applications
• MOSFET and IGBT gate driving
• DC-DC conversion
• LED driving
• Interface between low voltage ICs and loads




Similar Part No. - ZXTN25040DFL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25040DFL ZETEX-ZXTN25040DFL Datasheet
554Kb / 8P
40V, SOT23, NPN low power transistor
ZXTN25040DFLTA ZETEX-ZXTN25040DFLTA Datasheet
554Kb / 8P
40V, SOT23, NPN low power transistor
More results


Similar Description - ZXTN25040DFL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25040DFL ZETEX-ZXTP25040DFL Datasheet
385Kb / 8P
40V, SOT23, PNP low power transistor
ZXTN25040DFH ZETEX-ZXTN25040DFH Datasheet
397Kb / 6P
40V, SOT23, NPN medium power transistor
ZXTN25040DFL ZETEX-ZXTN25040DFL Datasheet
554Kb / 8P
40V, SOT23, NPN low power transistor
logo
Diodes Incorporated
ZXTN25040DFH DIODES-ZXTN25040DFH Datasheet
404Kb / 6P
40V, SOT23, NPN medium power transistor
JUNE 2006
ZXTP25040DFL DIODES-ZXTP25040DFL Datasheet
396Kb / 8P
40V, SOT23, PNP low power transistor
JANUARY 2007
FMMT491ATA DIODES-FMMT491ATA Datasheet
210Kb / 7P
40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT491A DIODES-FMMT491A_15 Datasheet
210Kb / 7P
40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
ZXTN2040F DIODES-ZXTN2040F_15 Datasheet
488Kb / 6P
40V NPN MEDIUM POWER PLANAR TRANSISTOR IN SOT23
Rev 3
ZXTP25040DFL DIODES-ZXTP25040DFL_15 Datasheet
184Kb / 7P
40V PNP LOW POWER TRANSISTOR IN SOT23
Rev 4
ZXTN25040DFH DIODES-ZXTN25040DFH_15 Datasheet
207Kb / 7P
40V NPN MEDIUM POWER PLANAR TRANSISTOR IN SOT23
Rev erse
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com