Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP25040DFL Datasheet (PDF) - Diodes Incorporated

ZXTP25040DFL Datasheet PDF - Diodes Incorporated
Part # ZXTP25040DFL
Download  ZXTP25040DFL Download
File Size   396.91 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V, SOT23, PNP low power transistor

ZXTP25040DFL Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP25040DFL Datasheet PDF - Diodes Incorporated

Part # ZXTP25040DFL
Download  ZXTP25040DFL Click to download

File Size   396.91 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V, SOT23, PNP low power transistor

ZXTP25040DFL Datasheet (HTML) - Diodes Incorporated


ZXTP25040DFL Product details

Features
• BVCEO > -40V
• BVECO > --3V
• IC = -1.5A Continuous Collector Current
• VCE(sat) < -115mV @ -1A
• RCE(sat) = 82mΩ
• High Peak Current
• Complementary Part Number ZXTN25040DFL
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• MOSFET and IGBT Gate Driving
• DC-DC Converters




Similar Part No. - ZXTP25040DFL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25040DFL ZETEX-ZXTP25040DFL Datasheet
385Kb / 8P
40V, SOT23, PNP low power transistor
ZXTP25040DFLTA ZETEX-ZXTP25040DFLTA Datasheet
385Kb / 8P
40V, SOT23, PNP low power transistor
logo
Diodes Incorporated
ZXTP25040DFL DIODES-ZXTP25040DFL_15 Datasheet
184Kb / 7P
40V PNP LOW POWER TRANSISTOR IN SOT23
Rev 4
More results


Similar Description - ZXTP25040DFL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25040DFH ZETEX-ZXTP25040DFH Datasheet
245Kb / 6P
40V SOT23 PNP medium power transistor
ZXTP25040DFL ZETEX-ZXTP25040DFL Datasheet
385Kb / 8P
40V, SOT23, PNP low power transistor
ZXTN25040DFL ZETEX-ZXTN25040DFL Datasheet
554Kb / 8P
40V, SOT23, NPN low power transistor
logo
Diodes Incorporated
ZXTN25040DFL DIODES-ZXTN25040DFL Datasheet
446Kb / 8P
40V, SOT23, NPN low power transistor
MARCH 2008
ZXTP25040DFH DIODES-ZXTP25040DFH Datasheet
251Kb / 6P
40V SOT23 PNP medium power transistor
MARCH 2008
DSS5240T DIODES-DSS5240T_15 Datasheet
243Kb / 7P
40V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 4
FMMT720 DIODES-FMMT720_15 Datasheet
583Kb / 7P
40V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 4
ZXTP2041F DIODES-ZXTP2041F_15 Datasheet
331Kb / 7P
40V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 7
ZXTP25040DFH DIODES-ZXTP25040DFH_15 Datasheet
251Kb / 6P
40V SOT23 PNP medium power transistor
MARCH 2008
ZXTP25040DFL DIODES-ZXTP25040DFL_15 Datasheet
184Kb / 7P
40V PNP LOW POWER TRANSISTOR IN SOT23
Rev 4
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com