Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTN25100DZ Datasheet (PDF) - Diodes Incorporated

ZXTN25100DZ Datasheet PDF - Diodes Incorporated
Part # ZXTN25100DZ
Download  ZXTN25100DZ Download
File Size   415.75 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN high gain transistor in SOT89

ZXTN25100DZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN25100DZ Datasheet PDF - Diodes Incorporated

Part # ZXTN25100DZ
Download  ZXTN25100DZ Click to download

File Size   415.75 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN high gain transistor in SOT89

ZXTN25100DZ Datasheet (HTML) - Diodes Incorporated


ZXTN25100DZ Product details

Features
• BVCEO > 100V
• BVECO > 6V
• IC = 2.5A Continuous Collector Current
• ICM = 3.5A Peak Collector Current
• VCE(SAT) < 100mV @ 1A
• RCE(SAT) = 80mΩ for a Low Equivalent On-Resistance
• Complementary PNP Type: ZXTP25100CZ
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - ZXTN25100DZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25100DZ ZETEX-ZXTN25100DZ Datasheet
408Kb / 8P
100V NPN high gain transistor
logo
Diodes Incorporated
ZXTN25100DZ DIODES-ZXTN25100DZ Datasheet
393Kb / 8P
100V NPN MEDIUM POWER TRANSISTOR
Rev 2
logo
Zetex Semiconductors
ZXTN25100DZTA ZETEX-ZXTN25100DZTA Datasheet
408Kb / 8P
100V NPN high gain transistor
logo
Diodes Incorporated
ZXTN25100DZTA DIODES-ZXTN25100DZTA Datasheet
393Kb / 8P
100V NPN MEDIUM POWER TRANSISTOR
Rev 2
ZXTN25100DZ DIODES-ZXTN25100DZ_15 Datasheet
415Kb / 8P
100V NPN high gain transistor in SOT89
DECEMBER 2007
More results


Similar Description - ZXTN25100DZ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN19020DZ DIODES-ZXTN19020DZ Datasheet
423Kb / 8P
20V NPN high gain transistor in SOT89
JANUARY 2008
ZXTN19100CZ DIODES-ZXTN19100CZ Datasheet
459Kb / 8P
100V NPN medium power transistor in SOT89
FEBRUARY 2008
ZXTN25012EZ DIODES-ZXTN25012EZ Datasheet
400Kb / 8P
12V NPN high gain transistor in SOT89
DECEMBER 2007
ZXTN25020DZ DIODES-ZXTN25020DZ Datasheet
407Kb / 8P
20V NPN high gain transistor in SOT89
JANUARY 2008
ZXTN4002Z DIODES-ZXTN4002Z Datasheet
279Kb / 5P
100V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
FCX690BTA DIODES-FCX690BTA Datasheet
578Kb / 7P
45V NPN HIGH GAIN POWER TRANSISTOR IN SOT89
Rev 2
FCX690B DIODES-FCX690B_15 Datasheet
578Kb / 7P
45V NPN HIGH GAIN POWER TRANSISTOR IN SOT89
Rev 2
ZXTN4002Z(1) DIODES-ZXTN4002Z(1)_15 Datasheet
279Kb / 5P
100V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN25100DZ DIODES-ZXTN25100DZ_15 Datasheet
415Kb / 8P
100V NPN high gain transistor in SOT89
DECEMBER 2007
ZXTN19020DZQ DIODES-ZXTN19020DZQ Datasheet
524Kb / 8P
20V NPN HIGH GAIN TRANSISTOR IN SOT89
June 2018 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com