Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC737212 Datasheet (PDF) - Sanyo Semicon Device

LC737212 Datasheet PDF - Sanyo Semicon Device
Part # LC737212
Download  LC737212 Download
File Size   308.13 Kbytes
Page   27 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Telephone Dialer IC with On-Chip Memory for Push- Button Telephones

LC737212 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC737212 Datasheet PDF - Sanyo Semicon Device

Part # LC737212
Download  LC737212 Click to download

File Size   308.13 Kbytes
Page   27 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Telephone Dialer IC with On-Chip Memory for Push- Button Telephones

LC737212 Datasheet (HTML) - Sanyo Semicon Device


LC737212 Product details

Overview
The LC737212 and LC737212M are CMOS LSI telephone dialers for pushbutton telephones. They support both DTMF and pulse dialing. These products include 25 16-digit memories for storing telephone numbers and one 63-digit memory for redialing, and they provide, in a single chip, all the functions required for dialing and control for a standard independent telephone, including on-hook dialing and a hold function. They also provide a serial I/O interface for connection to a microcontroller.

Functions
• Fabrication in a CMOS process that allows these circuits to be directly operated from a telephone line
• Support for single-contact keypads
• Built-in oscillator circuit (fosc = 3.58 MHz) that can drive either a standard color-TV crystal oscillator element or a ceramic resonator
• High-precision DTMF signal
• Frequency generator circuit (±0.1%) adopted for eased ceramic resonator selection
• Five one-touch 16-digit auto-dial memories and 20 quick-dialing memories
• On-hook or off-hook can be specified for memory entries.
• Mode change and pause data items can be stored in the dialing memories.
• 63-digit redial memory
• Automatic pause (3.9 seconds) insertion when the mode is switched.
• Automatic pause (1.0 second) insertion after a flash operation.
• Mode changing is one-directional, from pulse mode to tone mode.
• Output of a key press tone (1036 Hz, 31 ms) for keys other than DTMF keys when key input is valid
• Output of an operation complete confirmation tone (2072 Hz, 279 ms for each telephone number) when a telephone number is stored in memory
• Generates 12 signal types in DTMF mode.
• Supports an on-hook dialing mode.
• Supports a hold function with hold mode.
• Supports both 10 and 20 pps dialing pulse rates.
• The mode can be switched from either the P/T pin or by a key input.
(Continue ...)




Similar Part No. - LC737212

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC73720 SANYO-LC73720 Datasheet
284Kb / 12P
Dialer with Memory?
More results


Similar Description - LC737212

ManufacturerPart #DatasheetDescription
logo
Rohm
BU8307CS ROHM-BU8307CS Datasheet
292Kb / 17P
Pulse / tone dialer for telephone set
logo
Sanyo Semicon Device
LC73720 SANYO-LC73720 Datasheet
284Kb / 12P
Dialer with Memory?
logo
Hynix Semiconductor
GL6965 HYNIX-GL6965 Datasheet
340Kb / 23P
Telephone Speech Network with Dialer Interface
logo
Samsung semiconductor
KS5805 SAMSUNG-KS5805 Datasheet
305Kb / 6P
TELEPHONE PULSE DIALER WITH REDIAL
logo
National Semiconductor ...
MM53143 NSC-MM53143 Datasheet
310Kb / 5P
PUSH BUTTON PULSE DIALER CIRCUITS
logo
Integral Corp.
ILA1062 INTEGRAL-ILA1062 Datasheet
189Kb / 9P
TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
KODENSHI_AUK CORP.
KKA1062 KODENSHI-KKA1062 Datasheet
366Kb / 9P
TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
ams AG
AS2533 AMSCO-AS2533_1 Datasheet
508Kb / 25P
Multi-Standard CMOS Telephone IC for Basic Telephones
logo
Micrel Semiconductor
MIC2788 MICREL-MIC2788 Datasheet
548Kb / 17P
Push-Button Reset IC
logo
ams AG
AS2533 AMSCO-AS2533_11 Datasheet
1Mb / 26P
Multi-Standard CMOS Telephone IC for Basic Telephones
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com