Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP25020CFF Datasheet (PDF) - Diodes Incorporated

ZXTP25020CFF Datasheet PDF - Diodes Incorporated
Part # ZXTP25020CFF
Download  ZXTP25020CFF Download
File Size   444.62 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V, SOT23F, PNP medium power transistor

ZXTP25020CFF Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP25020CFF Datasheet PDF - Diodes Incorporated

Part # ZXTP25020CFF
Download  ZXTP25020CFF Click to download

File Size   444.62 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V, SOT23F, PNP medium power transistor

ZXTP25020CFF Datasheet (HTML) - Diodes Incorporated


ZXTP25020CFF Product details

Description
Advanced process capability and packaging maximize the power handling and performance of this small outline transistor. The reverse blocking capability of the transistor can often result in the elimination of a series connected Schottky diode commonly required with either bipolar transistors or MOSFETs when used in battery charging applications.

Features
• BVCEO > -20V
• BVECO > -7V
• IC = -4.5A Continuous Collector Current
• Low Saturation Voltage VCE(SAT) < -65mV @ -1A
• RCE(SAT) = 41m
• hFE Characterised Up to -10A
• 1.5W Power Dissipation
• Totally Lead-Free & Fully RoHS Compliant (Notes 1& 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Mobile Phone Charging Circuits
• MOSFET and IGBT Gate Drivers
• High-Side Driving
• Motor Control
• Disconnect Switch in Portable Products
• DC-DC Convertors




Similar Part No. - ZXTP25020CFF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25020CFF ZETEX-ZXTP25020CFF Datasheet
431Kb / 8P
20V, SOT23F, PNP medium power transistor
ZXTP25020CFFTA ZETEX-ZXTP25020CFFTA Datasheet
431Kb / 8P
20V, SOT23F, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25020CFFTA DIODES-ZXTP25020CFFTA Datasheet
356Kb / 7P
20V PNP MEDIUM POWER TRANSISTOR
Rev erse
ZXTP25020CFF DIODES-ZXTP25020CFF_16 Datasheet
356Kb / 7P
20V PNP MEDIUM POWER TRANSISTOR
Rev erse
More results


Similar Description - ZXTP25020CFF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP07012EFF ZETEX-ZXTP07012EFF Datasheet
441Kb / 6P
12V, SOT23F, PNP medium power transistor
ZXTP19020CFF ZETEX-ZXTP19020CFF Datasheet
432Kb / 8P
20V, SOT23F, PNP medium power transistor
ZXTP19060CFF ZETEX-ZXTP19060CFF Datasheet
450Kb / 8P
60V, SOT23F, PNP medium power transistor
ZXTP25020CFF ZETEX-ZXTP25020CFF Datasheet
431Kb / 8P
20V, SOT23F, PNP medium power transistor
ZXTP19020DFFTA ZETEX-ZXTP19020DFFTA Datasheet
493Kb / 8P
20V, SOT23F, PNP medium power transistor
ZXTP19100CFF ZETEX-ZXTP19100CFF Datasheet
437Kb / 8P
100V, SOT23F, PNP medium power transistor
logo
Diodes Incorporated
ZXTP07040DFF DIODES-ZXTP07040DFF Datasheet
455Kb / 6P
40V, SOT23F, PNP medium power transistor
SEPTEMBER 2006
ZXTP19020CFF DIODES-ZXTP19020CFF Datasheet
444Kb / 8P
20V, SOT23F, PNP medium power transistor
FEBRUARY 2007
ZXTP19020DFF DIODES-ZXTP19020DFF Datasheet
504Kb / 8P
20V, SOT23F, PNP medium power transistor
SEPTEMBER 2007
ZXTP19100CFF DIODES-ZXTP19100CFF Datasheet
444Kb / 8P
100V, SOT23F, PNP medium power transistor
OCTOBER 2007
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com