Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP19100CFF Datasheet (PDF) - Diodes Incorporated

ZXTP19100CFF Datasheet PDF - Diodes Incorporated
Part # ZXTP19100CFF
Download  ZXTP19100CFF Download
File Size   444.71 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V, SOT23F, PNP medium power transistor

ZXTP19100CFF Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP19100CFF Datasheet PDF - Diodes Incorporated

Part # ZXTP19100CFF
Download  ZXTP19100CFF Click to download

File Size   444.71 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V, SOT23F, PNP medium power transistor

ZXTP19100CFF Datasheet (HTML) - Diodes Incorporated


ZXTP19100CFF Product details

Description
This low saturation 100V PNP transistor offers extremely low on-state losses, making it ideal for use in DC-DC circuits and various driving and power management functions. The SOT23F package is pin compatible with the industry standard SOT23 footprint, but offers lower profile and higher dissipation for applications where power density is of utmost importance.

Features
• BVCEO > -100V
• BVECO > -7V
• IC = -2A Continuous Collector Current
• Saturation Voltage VCE(SAT) < -120mV @ -1A
• hFE Characterised Up to -2A
• RCE(SAT) = 95mΩ
• 1.5W Power Dissipation
• Complementary NPN Type: ZXTN19100CFF
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Boost Converters
• MOSFET and IGBT Gate Drivers
• Lamp and Relay Driver
• Motor Drive
• Siren Driver




Similar Part No. - ZXTP19100CFF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP19100CFF ZETEX-ZXTP19100CFF Datasheet
437Kb / 8P
100V, SOT23F, PNP medium power transistor
logo
Guangdong Kexin Industr...
ZXTP19100CFF KEXIN-ZXTP19100CFF Datasheet
1Mb / 4P
PNP Medium Power Transistor
logo
Zetex Semiconductors
ZXTP19100CFFTA ZETEX-ZXTP19100CFFTA Datasheet
437Kb / 8P
100V, SOT23F, PNP medium power transistor
logo
Diodes Incorporated
ZXTP19100CFFTA DIODES-ZXTP19100CFFTA Datasheet
389Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT23F
Rev 2
ZXTP19100CFF DIODES-ZXTP19100CFF_16 Datasheet
389Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT23F
Rev 2
More results


Similar Description - ZXTP19100CFF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP07012EFF ZETEX-ZXTP07012EFF Datasheet
441Kb / 6P
12V, SOT23F, PNP medium power transistor
ZXTP19020CFF ZETEX-ZXTP19020CFF Datasheet
432Kb / 8P
20V, SOT23F, PNP medium power transistor
ZXTP19060CFF ZETEX-ZXTP19060CFF Datasheet
450Kb / 8P
60V, SOT23F, PNP medium power transistor
ZXTP25020CFF ZETEX-ZXTP25020CFF Datasheet
431Kb / 8P
20V, SOT23F, PNP medium power transistor
ZXTP19020DFFTA ZETEX-ZXTP19020DFFTA Datasheet
493Kb / 8P
20V, SOT23F, PNP medium power transistor
ZXTP19100CFF ZETEX-ZXTP19100CFF Datasheet
437Kb / 8P
100V, SOT23F, PNP medium power transistor
logo
Diodes Incorporated
ZXTP07040DFF DIODES-ZXTP07040DFF Datasheet
455Kb / 6P
40V, SOT23F, PNP medium power transistor
SEPTEMBER 2006
ZXTP19060CFF DIODES-ZXTP19060CFF Datasheet
462Kb / 8P
60V, SOT23F, PNP medium power transistor
OCTOBER 2007
ZXTP25020CFF DIODES-ZXTP25020CFF Datasheet
444Kb / 8P
20V, SOT23F, PNP medium power transistor
FEBRUARY 2007
ZXTP19100CFF DIODES-ZXTP19100CFF_16 Datasheet
389Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT23F
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com