Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP19100CFF Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTP19100CFF
Description  100V, SOT23F, PNP medium power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP19100CFF Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTP19100CFF Datasheet HTML 1Page - Diodes Incorporated ZXTP19100CFF Datasheet HTML 2Page - Diodes Incorporated ZXTP19100CFF Datasheet HTML 3Page - Diodes Incorporated ZXTP19100CFF Datasheet HTML 4Page - Diodes Incorporated ZXTP19100CFF Datasheet HTML 5Page - Diodes Incorporated ZXTP19100CFF Datasheet HTML 6Page - Diodes Incorporated ZXTP19100CFF Datasheet HTML 7Page - Diodes Incorporated ZXTP19100CFF Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXTP19100CFF
Issue 1 - October 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Absolute maximum ratings
Thermal resistance
NOTES:
(a) For a device surface mounted on 15mm x 15mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in
still air conditions.
(b) Mounted on 25mm x 25mm x 1.6mm FR4 PCB with a high coverage of single sided 2 oz copper in still air conditions.
(c) Mounted on 50mm x 50mm x 1.6mm FR4 PCB with a high coverage of single sided 2 oz copper in still air conditions.
(d) As (c) above measured at t<5secs
(e) Junction to Case from Collector Tab.
Parameter
Symbol
Limit
Unit
Collector-base voltage
VCBO
-110
V
Collector-emitter voltage (forward blocking)
VCEX
-110
V
Collector-emitter voltage
VCEO
-100
V
Emitter-collector voltage (reverse blocking)
VECO
-7
V
Emitter-base voltage
VEBO
-7
V
Continuous collector current(c)
IC
-2
A
Peak pulse current
ICM
-3
A
Base current
IB
-1
A
Power dissipation at TA =25°C(a)
Linear derating factor
PD
0.84
W
mW/
°C
Power dissipation at TA =25°C(b)
Linear derating factor
PD
1.34
W
mW/
°C
Power dissipation at TA =25°C(c)
Linear derating factor
PD
1.5
W
mW/
°C
Power dissipation at TA =25°C(d)
Linear derating factor
PD
2W
mW/
°C
Operating and storage temperature range
Tj, Tstg
-55 to 150
°C
Parameter
Symbol
Value
Unit
Junction to Ambient(a)
R JA
149.3
°C/W
Junction to Ambient(b)
R JA
93.4
°C/W
Junction to Ambient(c)
R JA
83.3
°C/W
Junction to Ambient(d)
R JA
60
°C/W
Junction to Case(e)
R JC
38
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com