Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP25020DFL Datasheet (PDF) - Diodes Incorporated

ZXTP25020DFL Datasheet PDF - Diodes Incorporated
Part # ZXTP25020DFL
Download  ZXTP25020DFL Download
File Size   465.55 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V, SOT23, PNP low power transistor

ZXTP25020DFL Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP25020DFL Datasheet PDF - Diodes Incorporated

Part # ZXTP25020DFL
Download  ZXTP25020DFL Click to download

File Size   465.55 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V, SOT23, PNP low power transistor

ZXTP25020DFL Datasheet (HTML) - Diodes Incorporated


ZXTP25020DFL Product details

Summary
BVCEO > -20V
BVECO > -4V
IC(cont) = 1.5A
VCE(sat) < 85 mV @ 1A
RCE(sat) = 54m
PD = 350mW

Complementary part number ZXTN25020DFL

Description
Advanced process capability has been used to achieve high current gain
hold up making this device ideal for applications requiring high pulse
currents.

Features
• High peak current
• Low saturation voltage

Applications
• DC-DC converters
• MOSFET and IGBT gate driving




Similar Part No. - ZXTP25020DFL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25020DFL ZETEX-ZXTP25020DFL Datasheet
453Kb / 8P
20V, SOT23, PNP low power transistor
logo
Fairchild Semiconductor
ZXTP25020DFL FAIRCHILD-ZXTP25020DFL Datasheet
5Mb / 30P
Dual BCM PFC Controller
logo
Zetex Semiconductors
ZXTP25020DFLTA ZETEX-ZXTP25020DFLTA Datasheet
453Kb / 8P
20V, SOT23, PNP low power transistor
More results


Similar Description - ZXTP25020DFL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25020BFH ZETEX-ZXTP25020BFH Datasheet
385Kb / 6P
20V, SOT23, PNP medium power transistor
ZXTP25020CFH ZETEX-ZXTP25020CFH Datasheet
372Kb / 6P
20V, SOT23, PNP medium power transistor
ZXTP25020DFH ZETEX-ZXTP25020DFH Datasheet
514Kb / 6P
20V, SOT23, PNP medium power transistor
ZXTP25020DFL ZETEX-ZXTP25020DFL Datasheet
453Kb / 8P
20V, SOT23, PNP low power transistor
ZXTN25020DFL ZETEX-ZXTN25020DFL Datasheet
416Kb / 8P
20V, SOT23, NPN low power transistor
logo
Diodes Incorporated
ZXTP25020BFH DIODES-ZXTP25020BFH Datasheet
385Kb / 6P
20V, SOT23, PNP medium power transistor
MARCH 2008
ZXTP25020CFH DIODES-ZXTP25020CFH Datasheet
382Kb / 8P
20V, SOT23, PNP medium power transistor
MARCH 2008
ZXTP25020DFH DIODES-ZXTP25020DFH Datasheet
521Kb / 6P
20V, SOT23, PNP medium power transistor
JULY 2006
DSS20200L DIODES-DSS20200L_15 Datasheet
222Kb / 7P
20V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 3
ZXTP25020CFH DIODES-ZXTP25020CFH_15 Datasheet
382Kb / 8P
20V, SOT23, PNP medium power transistor
MARCH 2008
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com