Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTPS717MC Datasheet (PDF) - Diodes Incorporated

ZXTPS717MC Datasheet PDF - Diodes Incorporated
Part # ZXTPS717MC
Download  ZXTPS717MC Download
File Size   270.98 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 12V PNP LOW SATURATION TRANSISTOR AND

ZXTPS717MC Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTPS717MC Datasheet PDF - Diodes Incorporated

Part # ZXTPS717MC
Download  ZXTPS717MC Click to download

File Size   270.98 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 12V PNP LOW SATURATION TRANSISTOR AND

ZXTPS717MC Datasheet (HTML) - Diodes Incorporated


ZXTPS717MC Product details

Features and Benefits
PNP Transistor
   • BVCEO > -12V
   • IC = -4A Continuous Collector Current
   • Low Saturation Voltage (-140mV max @ -1A)
   • RSAT = 65mΩ for a low equivalent On-Resistance
   • hFE characterized up to -10A for high current gain hold up
Schottky Diode
   • BVR > 40V
   • IFAV = 3A Average Peak Forward Current
   • Low VF < 500mV (@1A) for reduced power loss
   • Fast switching due to Schottky barrier
• Low profile 0.8mm high package for thin applications
• RθJA efficient, 40% lower than SOT26
• 6mm2 footprint, 50% smaller than TSOP6 and SOT26
• Lead-Free, RoHS Compliant (Note 1)
• Halogen and Antimony Free. “Green” Device (Note 2)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• DC – DC Converters
• Charging circuits
• Mobile phones
• Motor control
• Portable applications




Similar Part No. - ZXTPS717MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTPS718MC DIODES-ZXTPS718MC Datasheet
270Kb / 10P
20V PNP LOW SATURATION TRANSISTOR AND
Rev 2
ZXTPS718MCTA DIODES-ZXTPS718MCTA Datasheet
270Kb / 10P
20V PNP LOW SATURATION TRANSISTOR AND
Rev 2
More results


Similar Description - ZXTPS717MC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10P12DE6 ZETEX-ZXT10P12DE6 Datasheet
232Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P12DE6 ZETEX-ZXT13P12DE6 Datasheet
413Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14P12DX ZETEX-ZXT14P12DX Datasheet
261Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT1M322 ZETEX-ZXT1M322 Datasheet
188Kb / 6P
12V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13P12DE6 DIODES-ZXT13P12DE6 Datasheet
423Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
DECEMBER 1999
ZXTP717MA DIODES-ZXTP717MA Datasheet
164Kb / 7P
12V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
ZXTD1M832 DIODES-ZXTD1M832 Datasheet
429Kb / 6P
DUAL 12V PNP LOW SATURATION SWITCHING TRANSISTOR
JUNE 2002
ZXT14P12DX DIODES-ZXT14P12DX Datasheet
266Kb / 6P
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXTP717MA DIODES-ZXTP717MA_15 Datasheet
164Kb / 7P
12V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
ZXTP07012EFF DIODES-ZXTP07012EFF Datasheet
381Kb / 7P
12V PNP LOW SATURATION TRANSISTOR
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com