Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTPS718MC Datasheet (PDF) - Diodes Incorporated

ZXTPS718MC Datasheet PDF - Diodes Incorporated
Part # ZXTPS718MC
Download  ZXTPS718MC Download
File Size   270.0 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V PNP LOW SATURATION TRANSISTOR AND

ZXTPS718MC Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTPS718MC Datasheet PDF - Diodes Incorporated

Part # ZXTPS718MC
Download  ZXTPS718MC Click to download

File Size   270.0 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V PNP LOW SATURATION TRANSISTOR AND

ZXTPS718MC Datasheet (HTML) - Diodes Incorporated


ZXTPS718MC Product details

Features and Benefits
PNP Transistor
   • BVCEO > -20V
   • IC = -3.5A Continuous Collector Current
   • Low Saturation Voltage (-220mV max @ -1A)
   • RSAT = 64mΩ for a low equivalent On-Resistance
   • hFE characterized up to -6A for high current gain hold up
Schottky Diode
   • BVR > 40V
   • IFAV = 3A Average Peak Forward Current
   • Low VF < 500mV (@1A) for reduced power loss
   • Fast switching due to Schottky barrier
• Low profile 0.8mm high package for thin applications
• RθJA efficient, 40% lower than SOT26
• 6mm2 footprint, 50% smaller than TSOP6 and SOT26
• Lead-Free, RoHS Compliant (Note 1)
• Halogen and Antimony Free. “Green” Device (Note 2)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• DC – DC Converters
• Charging circuits
• Mobile phones
• Motor control
• Portable applications




Similar Part No. - ZXTPS718MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTPS717MC DIODES-ZXTPS717MC Datasheet
270Kb / 10P
12V PNP LOW SATURATION TRANSISTOR AND
Rev 2
ZXTPS717MCTA DIODES-ZXTPS717MCTA Datasheet
270Kb / 10P
12V PNP LOW SATURATION TRANSISTOR AND
Rev 2
More results


Similar Description - ZXTPS718MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTD718MC DIODES-ZXTD718MC Datasheet
194Kb / 7P
DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 1
ZXTP718MA DIODES-ZXTP718MA Datasheet
163Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 4
ZXT2MA DIODES-ZXT2MA Datasheet
160Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 1
ZXT2MA DIODES-ZXT2MA_15 Datasheet
160Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 1
ZXTP718MA DIODES-ZXTP718MA_15 Datasheet
198Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
ZX5T2E6 DIODES-ZX5T2E6_16 Datasheet
330Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 2
DSS5220T DIODES-DSS5220T Datasheet
496Kb / 7P
20V PNP LOW SATURATION TRANSISTOR
Rev 2
DSS5220TQ DIODES-DSS5220TQ Datasheet
497Kb / 7P
20V PNP LOW SATURATION TRANSISTOR
Rev 3
ZXTP19020CFF DIODES-ZXTP19020CFF_16 Datasheet
337Kb / 7P
20V PNP LOW SATURATION VOLTAGE TRANSISTOR
Rev 2
ZXTP19020DFF DIODES-ZXTP19020DFF_17 Datasheet
369Kb / 7P
20V PNP LOW SATURATION VOLTAGE TRANSISTOR
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com