Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC7455 Datasheet (PDF) - Sanyo Semicon Device

LC7455 Datasheet PDF - Sanyo Semicon Device
Part # LC7455
Download  LC7455 Download
File Size   232.79 Kbytes
Page   13 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Closed Caption Signal Extraction IC

LC7455 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7455 Datasheet PDF - Sanyo Semicon Device

Part # LC7455
Download  LC7455 Click to download

File Size   232.79 Kbytes
Page   13 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Closed Caption Signal Extraction IC

LC7455 Datasheet (HTML) - Sanyo Semicon Device


LC7455 Product details

Overview
The LC7455A/M extracts the closed caption signal superimposed on a video signal during the vertical return period and, under the control of a clock signal provided by the decoder IC, transfers that signal to the IC (usually a microcontroller) that decodes the closed caption data. The LC7455A/M supports four operating modes. Modes 1 and 2 can be used for XDS. In these modes, the LC7455A/M, in combination with the decoder IC (microcontroller), extracts the caption signal superimposed on field 2 and uses it for NTSC VCR functions such as the automatic time and date setting function. In modes 3 and 4, the LC7455A/M, in combination with the decoder IC (microcontroller), extracts the caption signal superimposed on fields 1 and 2 and uses it for NTSC TV applications (mode 3) or PAL TV applications (mode 4).

Functions
• Low power dissipation achieved by fabrication in a CMOS process.
• Stable caption signal extraction achieved by a built-in peak hold circuit and the use of digital technology.
• Operating supply voltage: 5 V ±10%
• Package LC7455A: 16-pin DIP LC7455M: 18-pin MFP




Similar Part No. - LC7455

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7454A SANYO-LC7454A Datasheet
704Kb / 16P
CMOS Data Slicer
LC7454M SANYO-LC7454M Datasheet
704Kb / 16P
CMOS Data Slicer
LC7456A SANYO-LC7456A Datasheet
24Kb / 6P
U.S. Closed Caption Signal Extraction IC
LC7458B-04 SANYO-LC7458B-04 Datasheet
259Kb / 12P
Closed-Caption Decoder LSI
More results


Similar Description - LC7455

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7945N SANYO-LA7945N Datasheet
185Kb / 9P
Closed Caption Signal (US specifications) Extraction IC
LC7458B-04 SANYO-LC7458B-04 Datasheet
259Kb / 12P
Closed-Caption Decoder LSI
logo
Zilog, Inc.
Z86228 ZILOG-Z86228 Datasheet
87Kb / 7P
LINE 21 CLOSED CAPTION CONTROLLER (L21C)
logo
RF Monolithics, Inc
IC1000 RFM-IC1000 Datasheet
89Kb / 4P
Data/Clock Extraction IC
logo
Sanyo Semicon Device
LC7456A SANYO-LC7456A Datasheet
24Kb / 6P
U.S. Closed Caption Signal Extraction IC
logo
Zilog, Inc.
Z86128 ZILOG-Z86128 Datasheet
1,010Kb / 27P
L21C-TM LINE 21 CLOSED-CAPTION CONTROLLER
logo
Motorola, Inc
MC144144 MOTOROLA-MC144144 Datasheet
567Kb / 44P
Enhanced Closed-Caption Decoder CMOS
logo
Zilog, Inc.
Z8622812PSG ZILOG-Z8622812PSG Datasheet
258Kb / 7P
LINE 21 CLOSED CAPTION CONTROLLER (L21C)
Z8622812PSC ZILOG-Z8622812PSC Datasheet
258Kb / 7P
LINE 21 CLOSED CAPTION CONTROLLER(L21C)
logo
NXP Semiconductors
OM8373 PHILIPS-OM8373 Datasheet
409Kb / 108P
TV signal processor- Closed Caption decoder with embedded m-Controller
Version: 1.0 2004 Jan 15
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com