Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC7455 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC7455
Description  Closed Caption Signal Extraction IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7455 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC7455 Datasheet HTML 1Page - Sanyo Semicon Device LC7455 Datasheet HTML 2Page - Sanyo Semicon Device LC7455 Datasheet HTML 3Page - Sanyo Semicon Device LC7455 Datasheet HTML 4Page - Sanyo Semicon Device LC7455 Datasheet HTML 5Page - Sanyo Semicon Device LC7455 Datasheet HTML 6Page - Sanyo Semicon Device LC7455 Datasheet HTML 7Page - Sanyo Semicon Device LC7455 Datasheet HTML 8Page - Sanyo Semicon Device LC7455 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Pin Assignments
Note: VDD1 and VSS1 are the power supply for the digital block, and VDD2 and VSS2 are the power supply for the analog block. Use a circuit similar to the
one shown below to minimize mutual interference due to noise from these blocks.
No. 5680-2/13
LC7455A, 7455M
Pin Functions
Pin
Pin No.
Pin function
DIP16
MFP18
Mode 1
Mode2
Mode3
Mode4
VSS1
1
1
Ground
TEST
2
2
Test pin. Must be left open during normal operation.
LN21
3
3
Line 21H pulse output (even field)
Line 21H pulse output
Line 22H pulse output
(both fields)
(both fields)
O/E/CFOUT
4
4
Field discrimination pulse
Ceramic oscillator output
Field discrimination pulse output
output
HS/CFIN
5
5
Sync separator Hsync
Ceramic oscillator input
Hsync pulse input
pulse output
CPDT
6
6
Caption data output (n-channel open-drain output)
SCKIN
7
7
Caption data transfer clock input
CE
8
8
Chip select input
VDD1
9
11
Power supply
MOD0
10
12
Leave open
Short to the power supply
Leave open
Short to the power supply
CVIN
11
13
Composite video input
VCOR
12
14
Connection for an external resistor to control the built-in VCO oscillator frequency
MOD1
13
15
Leave open
Short to the power supply
VDD2
14
16
Power supply
VSS2
15
17
Ground
CP
16
18
Connection for the filter used by the built-in PLL
Power
supply
Top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com