Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT431 Datasheet (PDF) - Weitron Technology

WT431 Datasheet PDF - Weitron Technology
Part # WT431
Download  WT431 Download
File Size   587.08 Kbytes
Page   2 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Adjustable Accurate Reference Source

WT431 Datasheet (PDF)

Go To PDF Page Download Datasheet
WT431 Datasheet PDF - Weitron Technology

Part # WT431
Download  WT431 Click to download

File Size   587.08 Kbytes
Page   2 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Adjustable Accurate Reference Source

WT431 Datasheet (HTML) - Weitron Technology


WT431 Product details

FEATURES
    The output voltage can be adjusted to 36V
    Low dynamic output impedance ,its typical value is 0.2Ω
    Trapping current capability is 1 to 100mA
    The typical value of the equivalent temperature factor in the whole temperature scope is 50 ppm/℃
    The effective temperature compensation in the working
    range of full temperature
    Low output noise voltage
    Fast on -state response




Similar Part No. - WT431

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT431LA WEITRON-WT431LA Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
WT431LB WEITRON-WT431LB Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
WT431RA WEITRON-WT431RA Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
WT431RB WEITRON-WT431RB Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
More results


Similar Description - WT431

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
TL431 KEXIN-TL431 Datasheet
54Kb / 2P
Adjustable Accurate Reference Source
TL431-89 KEXIN-TL431-89 Datasheet
915Kb / 2P
Adjustable Accurate Reference Source
TL431-HF-89 KEXIN-TL431-HF-89 Datasheet
992Kb / 2P
Adjustable Accurate Reference Source
TL431K KEXIN-TL431K Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-3 KEXIN-TL431K-3 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-89 KEXIN-TL431K-89 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
logo
Jiangsu Changjiang Elec...
CJ431K JIANGSU-CJ431K Datasheet
839Kb / 6P
Adjustable Accurate Reference Source
CK431K JIANGSU-CK431K Datasheet
1Mb / 5P
Adjustable Accurate Reference Source
logo
Shenzhen Luguang Electr...
431 LUGUANG-431 Datasheet
795Kb / 2P
Adjustable Accurate Reference Source
logo
DONGGUAN YOU FENG WEI E...
TL431 YFWDIODE-TL431 Datasheet
424Kb / 3P
Adjustable Accurate Reference Source
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com