Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT431RB Datasheet (PDF) - Weitron Technology

WT431RB Datasheet PDF - Weitron Technology
Part # WT431RB
Download  WT431RB Download
File Size   591.77 Kbytes
Page   5 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description PROGRAMMABLE PRECISION REFERENCE

WT431RB Datasheet (PDF)

Go To PDF Page Download Datasheet
WT431RB Datasheet PDF - Weitron Technology

Part # WT431RB
Download  WT431RB Click to download

File Size   591.77 Kbytes
Page   5 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description PROGRAMMABLE PRECISION REFERENCE

WT431RB Datasheet (HTML) - Weitron Technology


WT431RB Product details

Description:
* The WT431 is a three-terminal adjustable regulator with a guaranteed thermal stability over applicable temperature ranges. The output voltage may be set to any value between Vref(approximately 2.5) and 36V with two external resistors. It provides very wide applications, including shunt regulator, series regulator, switching regulator, voltage reference and others.

Features:
* Programmagle output voltage to 36V.
* Low dynamic output impedance 0.2Ω.
* Sink current capability of 1 to 100mA.
* Equivalent full-range temperature coefficient of 50ppm/°C typical for operation over full rated operating temperature range.




Similar Part No. - WT431RB

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT431 WEITRON-WT431 Datasheet
587Kb / 2P
Adjustable Accurate Reference Source
WT431A WEITRON-WT431A Datasheet
587Kb / 2P
Adjustable Accurate Reference Source
WT431B WEITRON-WT431B Datasheet
587Kb / 2P
Adjustable Accurate Reference Source
More results


Similar Description - WT431RB

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL431A UTC-TL431A Datasheet
158Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
PRECISION PROGRAMMABLE REFERENCE
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
Programmable Precision Reference
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com