Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX44265 Datasheet (PDF) - Maxim Integrated Products

MAX44265 Datasheet PDF - Maxim Integrated Products
Part # MAX44265
Download  MAX44265 Download
File Size   364.52 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Rail-to-Rail, 200kHz Op Amp with Shutdown in a Tiny, 6-Bump WLP

MAX44265 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX44265 Datasheet PDF - Maxim Integrated Products

Part # MAX44265
Download  MAX44265 Click to download

File Size   364.52 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Rail-to-Rail, 200kHz Op Amp with Shutdown in a Tiny, 6-Bump WLP

MAX44265 Datasheet (HTML) - Maxim Integrated Products


MAX44265 Product details

General Description
The MAX44265 op amp features a maximized ratio of gain bandwidth (GBW) to supply current and is ideal for battery-powered applications such as handsets, tablets, notebooks, and portable medical equipment. This CMOS op amp features an ultra-low input-bias current of 1pA, rail-to- rail input and output, low supply current of 4µA, and operates from a single 1.8V to 5.5V supply. For additional power conservation, the IC also features a low-power shutdown mode that reduces supply current to 1nA and puts the amplifier’s outputs in a high-impedance state. This device is unity-gain stable with a 200kHz GBW product.

Features
♦ 200kHz GBW
♦ Ultra-Low 4µA Supply Current
♦ Single 1.8V to 5.5V Supply Voltage Range
♦ Ultra-Low 1pA Input Bias Current
♦ Rail-to-Rail Input and Output Voltage Ranges
♦ Low ±200µV Input Offset Voltage
♦ Low 0.001µA Shutdown Current
♦ High-Impedance Output During Shutdown
♦ Unity-Gain Stable
♦ Available in a Tiny, 0.9mm x 1.3mm, 6-Bump WLP
   Package

Applications
   Cell Phones
   Tablet/Notebook Computers
   Mobile Accessories
   Battery-Powered Devices




Similar Part No. - MAX44265

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44265EVKIT MAXIM-MAX44265EVKIT Datasheet
849Kb / 7P
1.8V to 5.5V Supply Voltage Range
19-5782; Rev 0; 3/11
MAX44265EVKIT# MAXIM-MAX44265EVKIT# Datasheet
849Kb / 7P
1.8V to 5.5V Supply Voltage Range
19-5782; Rev 0; 3/11
More results


Similar Description - MAX44265

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Maxim Integrated Produc...
MAX9910 MAXIM-MAX9910 Datasheet
514Kb / 15P
200kHz, 4關A, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/05
MAX44264 MAXIM-MAX44264 Datasheet
289Kb / 10P
Ultra-Low Power Op Amp in a Tiny 6-Bump WLP
Rev 0; 12/10
MAX9910 MAXIM-MAX9910_10 Datasheet
508Kb / 17P
200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX9912EKA MAXIM-MAX9912EKA Datasheet
508Kb / 17P
200kHz, 4uA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
logo
Linear Technology
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Maxim Integrated Produc...
MAX40006 MAXIM-MAX40006 Datasheet
2Mb / 17P
Micropower, Rail-to-Rail, 300kHz Op Amp with Shutdown in a Tiny, 6-Bump WLP
Rev 0; 11/16
logo
Analog Devices
LTC6228 AD-LTC6228 Datasheet
2Mb / 26P
Low Distortion Rail-to-Rail Output Op Amp with Shutdown
logo
Maxim Integrated Produc...
MAX40006 MAXIM-MAX40006_V01 Datasheet
2Mb / 17P
Micropower, Rail-to-Rail, 300kHz Op Amp with Shutdown in a Tiny, 6-Bump WLP
2018
MAX44264 MAXIM-MAX44264_V01 Datasheet
2Mb / 10P
nanoPower Op Amp in a Tiny 6-Bump WLP
2017
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com