Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX44264 Datasheet (PDF) - Maxim Integrated Products

MAX44264 Datasheet PDF - Maxim Integrated Products
Part # MAX44264
Download  MAX44264 Download
File Size   289.29 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Low Power Op Amp in a Tiny 6-Bump WLP

MAX44264 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX44264 Datasheet PDF - Maxim Integrated Products

Part # MAX44264
Download  MAX44264 Click to download

File Size   289.29 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Low Power Op Amp in a Tiny 6-Bump WLP

MAX44264 Datasheet (HTML) - Maxim Integrated Products


MAX44264 Product details

General Description
The MAX44264 is an ultra-small (6-bump WLP) op amp that draws only 750nA of supply current. It operates from a single +1.8V to +5.5V supply and features ground-sensing inputs and rail-to-rail output. The ultralow supply current, low-operating voltage, and rail-to-rail output capabilities make these operational amplifiers ideal for use in single lithium ion (Li+), or two-cell NiCd or alkaline battery systems. The rail-to-rail output stage of the MAX44264 is capable of driving the output voltage to within 4mV of the rail with a 100kΩ load, and can sink and source 11mA with a +5V supply. The IC is unity-gain stable and available in a space-saving 0.9mm x 1.3mm, 6-bump WLP package.

Benefts and Features
● Ultra-Low 750nA Supply Current per Amplifier
● Ultra-Low +1.8V Supply Voltage Operation
● Ground-Sensing Input Common-Mode Range
● Outputs Swing Rail-to-Rail
● Outputs Source and Sink 11mA of Load Current
● No Phase Reversal for Overdriven Inputs
● High 120dB Open-Loop Voltage Gain
● Low 500μV Input Offset Voltage
● 9kHz Gain-Bandwidth Product
● 250pF (min) Capacitive Load Capability
● Available in a Tiny, 0.9mm x 1.3mm, 6-Bump WLP Package

Applications
● Cell Phones
● Tablet/Notebook Computers
● Mobile Accessories
● Battery-Powered Devices




Similar Part No. - MAX44264

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44264EVKIT MAXIM-MAX44264EVKIT Datasheet
844Kb / 7P
1.8V to 5.5V Single-Supply Operation
19-5757; Rev 0; 2/11
MAX44264EVKIT# MAXIM-MAX44264EVKIT# Datasheet
844Kb / 7P
1.8V to 5.5V Single-Supply Operation
19-5757; Rev 0; 2/11
MAX44264EWT+ MAXIM-MAX44264EWT+ Datasheet
2Mb / 10P
nanoPower Op Amp in a Tiny 6-Bump WLP
2017
MAX44264 MAXIM-MAX44264_V01 Datasheet
2Mb / 10P
nanoPower Op Amp in a Tiny 6-Bump WLP
2017
More results


Similar Description - MAX44264

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4062-2 AD-ADA4062-2 Datasheet
489Kb / 20P
Tiny, Low Power JFET-Input Op Amp
REV. 0
logo
Maxim Integrated Produc...
MAX44265 MAXIM-MAX44265 Datasheet
364Kb / 13P
Rail-to-Rail, 200kHz Op Amp with Shutdown in a Tiny, 6-Bump WLP
Rev 0; 12/10
MAX44281 MAXIM-MAX44281 Datasheet
2Mb / 10P
Ultra-Small, Ultra-Thin, 4-Bump Op Amp
Rev 0; 12/12
MAX16122 MAXIM-MAX16122 Datasheet
845Kb / 16P
Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
MAX40006 MAXIM-MAX40006 Datasheet
2Mb / 17P
Micropower, Rail-to-Rail, 300kHz Op Amp with Shutdown in a Tiny, 6-Bump WLP
Rev 0; 11/16
MAX40007 MAXIM-MAX40007 Datasheet
1Mb / 10P
nanoPower Op Amp in Ultra-Tiny WLP and SOT23 Packages
Rev 1; 1/18
MAX40006 MAXIM-MAX40006_V01 Datasheet
2Mb / 17P
Micropower, Rail-to-Rail, 300kHz Op Amp with Shutdown in a Tiny, 6-Bump WLP
2018
MAX40018 MAXIM-MAX40018 Datasheet
528Kb / 13P
Dual nanoPower Op Amps in Tiny WLP and TDFN Packages
2019
MAX44264 MAXIM-MAX44264_V01 Datasheet
2Mb / 10P
nanoPower Op Amp in a Tiny 6-Bump WLP
2017
MAX44281 MAXIM-MAX44281_V01 Datasheet
864Kb / 11P
Ultra-Small, Ultra-Thin, 4-Bump Op Amp
2020
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com