Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX44281 Datasheet (PDF) - Maxim Integrated Products

MAX44281 Datasheet PDF - Maxim Integrated Products
Part # MAX44281
Download  MAX44281 Download
File Size   2149.12 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Small, Ultra-Thin, 4-Bump Op Amp

MAX44281 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX44281 Datasheet PDF - Maxim Integrated Products

Part # MAX44281
Download  MAX44281 Click to download

File Size   2149.12 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Small, Ultra-Thin, 4-Bump Op Amp

MAX44281 Datasheet (HTML) - Maxim Integrated Products


MAX44281 Product details

General Description
The MAX44281 is the industry’s first op amp in a 4-bump WLP package, designed for use in portable consumer and medical applications. This device is offered as a noninverting amplifier with gain (AV) of +1V/V, +2V/V, or +10V/V.

Benefits and Features
● 4-Pin Amplifier Saves Board Space
    • 0.85mm x 0.85mm 4-Bump Thin WLP Package
    • Three Gain Versions Available
    - 1V/V (MAX44281O)
    - 2V/V (MAX44281V)
    - 10V/V (MAX44281U)
● Precision Specifications Support Most Precision Applications
    • Low 100μV Input Offset Voltage
    • Rail-to-Rail Output
    • 10pA Input Bias Current
    • 15MHz GBW
● Low Power Consumption Extends Battery Life in Portable Applications
    • 700μA Supply Current
    • Shutdown Input Through VDD
    • 1.8V to 5.5V Supply Range

Applications
● 3G/4G Handsets
● Sensor Interfaces
● Portable Medical Devices
● Battery-Powered Devices
● General-Purpose Signal Processing
● Notebooks
● Transimpedance Amplifiers




Similar Part No. - MAX44281

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44281OANS+T MAXIM-MAX44281OANS+T Datasheet
864Kb / 11P
Ultra-Small, Ultra-Thin, 4-Bump Op Amp
2020
MAX44281UANS+T MAXIM-MAX44281UANS+T Datasheet
864Kb / 11P
Ultra-Small, Ultra-Thin, 4-Bump Op Amp
2020
MAX44281VANS+T MAXIM-MAX44281VANS+T Datasheet
864Kb / 11P
Ultra-Small, Ultra-Thin, 4-Bump Op Amp
2020
MAX44281 MAXIM-MAX44281_V01 Datasheet
864Kb / 11P
Ultra-Small, Ultra-Thin, 4-Bump Op Amp
2020
More results


Similar Description - MAX44281

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC425 NSC-CLC425 Datasheet
1Mb / 9P
Ultra Low Noise Wideband Op Amp
logo
Micrel Semiconductor
MIC820 MICREL-MIC820 Datasheet
46Kb / 6P
Teeny Ultra Low Power Op Amp
logo
National Semiconductor ...
MNCLC449A-X NSC-MNCLC449A-X Datasheet
78Kb / 8P
1.2GHz ULTRA-WIDEBAND MONOLITHIC OP AMP
logo
Micrel Semiconductor
MIC860 MICREL-MIC860 Datasheet
1Mb / 12P
Teeny??Ultra Low Power Op Amp
logo
Maxim Integrated Produc...
MAX44264 MAXIM-MAX44264 Datasheet
289Kb / 10P
Ultra-Low Power Op Amp in a Tiny 6-Bump WLP
Rev 0; 12/10
logo
Micrel Semiconductor
MIC860BC5-TR MICREL-MIC860BC5-TR Datasheet
1Mb / 12P
Teeny Ultra Low Power Op Amp
MIC860 MICREL-MIC860_14 Datasheet
1Mb / 13P
Teeny??Ultra-Low Power Op Amp
logo
Microchip Technology
MIC860 MICROCHIP-MIC860 Datasheet
516Kb / 22P
Ultra-Low Power Op Amp
02/28/20
logo
Maxim Integrated Produc...
MAX44281 MAXIM-MAX44281_V01 Datasheet
864Kb / 11P
Ultra-Small, Ultra-Thin, 4-Bump Op Amp
2020
logo
List of Unclassifed Man...
SX-4001A ETC-SX-4001A Datasheet
888Kb / 1P
Ultra-small ultra-thin DC measuting digital panel meter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com