Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75342M Datasheet (PDF) - Sanyo Semicon Device

LC75342M Datasheet PDF - Sanyo Semicon Device
Part # LC75342M
Download  LC75342M Download
File Size   306.08 Kbytes
Page   20 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Single-Chip Volume and Tone Control System

LC75342M Datasheet (PDF)

Go To PDF Page Download Datasheet
LC75342M Datasheet PDF - Sanyo Semicon Device

Part # LC75342M
Download  LC75342M Click to download

File Size   306.08 Kbytes
Page   20 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Single-Chip Volume and Tone Control System

LC75342M Datasheet (HTML) - Sanyo Semicon Device


LC75342M Product details

Overview

The LC75342 and LC75342M are electronic volume and tone control systems that provide volume, balance, a 2-band equalizer, and input switching functions that can be controlled from serially transferred data.



Features

• On-chip buffer amplifiers minimize the number of external components.

• Fabricated in a silicon gate CMOS process to minimize switching noise from internal switches.

• Built-in analog ground reference voltage generation circuit.

• All controls can be set from serially transferred data. Supports the CCB standard.



Functions

• Volume: 0 dB to –79 dB (in 1-dB steps) and –∞, for a total of 81 settings.

  The volume can be controlled independently in the left and right channels to implement a balance function.

• Bass boost: Up to +20 dB in 2-dB steps. Peaking characteristics.

• Treble: ±10 dB in 2-dB steps. Shelving characteristics.

• Selector: One of four sets of left/right inputs can be selected.

• Input gain: The input signal can be boosted by from 0 dB to +30 dB in 2-dB steps.




Similar Part No. - LC75342M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
Single-Chip Volume and Tone Control System
LC75341M SANYO-LC75341M Datasheet
295Kb / 20P
Single-Chip Volume and Tone Control System
LC75343 SANYO-LC75343 Datasheet
413Kb / 28P
Electronic Volume Control System on-Chip
LC75343M SANYO-LC75343M Datasheet
413Kb / 28P
Electronic Volume Control System on-Chip
LC75344M SANYO-LC75344M Datasheet
529Kb / 11P
2 CHANNEL VOLUME SYSTEM
More results


Similar Description - LC75342M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
TONE CONTROL/VOLUME CONTROL
logo
Sanyo Semicon Device
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
Single-Chip Volume and Tone Control System
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
Single-Chip Electronic Volume Control System
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
Single-Chip Electronic Volume Control System
LC75394NE SANYO-LC75394NE Datasheet
380Kb / 17P
Single-Chip Electronic Volume Control System
LC75395E SANYO-LC75395E Datasheet
457Kb / 17P
Single-Chip Electronic Volume Control System
LC75396NE SANYO-LC75396NE Datasheet
471Kb / 19P
Single-Chip Electronic Volume Control System
LC75397E SANYO-LC75397E Datasheet
561Kb / 26P
Single Chip Electronic Volume and Tone Control System
LC75348 SANYO-LC75348 Datasheet
215Kb / 21P
Single-Chip Electronic Volume and Tone Control System
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
TONE CONTROL/VOLUME CONTROL
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com