Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTH34012 Datasheet (PDF) - Tyco Electronics

RTH34012 Datasheet PDF - Tyco Electronics
Part # RTH34012
Download  RTH34012 Download
File Size   137.58 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Power PCB Relay RTH 105째C 16A

RTH34012 Datasheet (PDF)

Go To PDF Page Download Datasheet
RTH34012 Datasheet PDF - Tyco Electronics

Part # RTH34012
Download  RTH34012 Click to download

File Size   137.58 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Power PCB Relay RTH 105째C 16A

RTH34012 Datasheet (HTML) - Tyco Electronics


RTH34012 Product details

Power PCB Relay RTH 105°C 16A

■ 1 pole 16A, 1 form C (CO) or 1 form A (NO) contact
■ Ambient temperature 105°C
■ Sensitive coil 400mW
■ 5kV/10mm coil-contact
■ Reinforced insulation
■ WG version: Product in accordance to IEC 60335-1




Similar Part No. - RTH34012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RTH34012AP MACOM-RTH34012AP Datasheet
566Kb / 3P
General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
RTH34012AP TEC-RTH34012AP Datasheet
336Kb / 3P
1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
logo
Tyco Electronics
RTH34012WGAP MACOM-RTH34012WGAP Datasheet
566Kb / 3P
General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
RTH34012WGAP TEC-RTH34012WGAP Datasheet
336Kb / 3P
1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
More results


Similar Description - RTH34012

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALZ21B05 NAIS-ALZ21B05 Datasheet
66Kb / 3P
16A Low Profile Power Relay
logo
Tyco Electronics
OMIH-SH-124L MACOM-OMIH-SH-124L Datasheet
117Kb / 2P
16A Miniature Power PC Board Relay
logo
fujitsu semiconductor
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
POWER RELAY 1 POLE - 16A 105C
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
POWER RELAY 1 POLE - 16A / Inrush 120A relay
logo
Tyco Electronics
PBH14005 MACOM-PBH14005_05 Datasheet
152Kb / 2P
Miniature Power PCB Relay PBH 105째C
OMIH-SH-105D MACOM-OMIH-SH-105D Datasheet
118Kb / 2P
16A Miniature Power PC Board Relay
OZ-SH-105D MACOM-OZ-SH-105D Datasheet
77Kb / 2P
16A Miniature Power PC Board Relay
2-1440002-3 MACOM-2-1440002-3 Datasheet
77Kb / 2P
16A Miniature Power PC Board Relay
1-1415538-1 MACOM-1-1415538-1 Datasheet
426Kb / 2P
Power PCB Relay RTH 105Celsius 16A
logo
TE Connectivity Ltd
RZH TEC-RZH Datasheet
273Kb / 2P
Power PCB Relay RZH 105째C 16A
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com