Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTH34012 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RTH34012
Description  Power PCB Relay RTH 105째C 16A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RTH34012 Datasheet(HTML) 2 Page - Tyco Electronics

  RTH34012 Datasheet HTML 1Page - Tyco Electronics RTH34012 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet
Rev. EL1
Issued 2005/12
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Power PCB Relay RTH 105°C 16A (Continued)
Product key
RT
H
4
Type
Version
H
16 A, pinning 5 mm, 105°C
Contact configuration
1
1 CO contact
3
1 NO contact
H
1 NO contact “High Performance”
Contact material
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table
Version
Blank
Standard version
WG
Product in accordance with IEC 60335-1 (domestic appliances)
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
16 A, pinning 5 mm
1 CO contact
S0418-CA
S0163-BE
S0272-BA
1 NO contact
S0163-BF
*) With the recommended PCB hole sizes a grid
pattern from 2.5 mm to 2.54 mm can be used.
Product key
Version
Contacts
Contact material
Coil
Part number
RTH14012
16 A, 105°C
1 CO contact
AgNi 90/10
12 VDC
8-1415006-1
RTH34012
pinning 5mm
1 NO contact
9-1415006-1
RTHH4012
flux proof
1 NO high perform.
8-1415047-1
RTH14012WG
16 A, 105°C
1 CO contact
1-1415538-1
RTH34012WG
pinning 5mm
1 NO contact
1-1415536-9
RTH14024WG
flux proof
1 CO contact
24 VDC
9-1415535-4
RTH34024WG
IEC 60335-1
1 NO contact
2-1415536-0
Insulation
Dielectric strength coil-contact circuit
5000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit
W 10 / 10 mm
Material group of insulation parts
W IIIa
Tracking index of relay base
PTI 250 V
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
functional
Rated insulation voltage
250 V
Pollution degree
3
2
Rated voltage system
240 V
400 V
Overvoltage category
III
Other data
RoHS - Directive 2002/95/EC
compliant as per product date code 0413
Flammability class according to UL94
V-0
For WG version: GWFI to IEC 60335-1
> 850 °C
GWT to IEC 60335-1 current w 0,2 A
> 650 °C
current > 0,2 A
> 750 °C
Ambient temperature range
-40...+105°C
Operate- / release time
typ 7 / 3 ms
Bounce time NO / NC contact
typ 1 / 3 ms
Vibration resistance (function) NO / NC contact
20 / 5 g, 30 ... 150 Hz
Shock resistance (destruction)
100 g
Category of protection
RTII - flux proof
Mounting
pcb
Mounting distance
0 mm
Resistance to soldering heat flux-proof version
270 °C / 10 s
Relay weight
14 g
Packaging unit
20 / 500 pcs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com