Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC7537 Datasheet (PDF) - Sanyo Semicon Device

LC7537 Datasheet PDF - Sanyo Semicon Device
Part # LC7537
Download  LC7537 Download
File Size   718.16 Kbytes
Page   21 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Electronic Volume Control for Car Stereo Systems

LC7537 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7537 Datasheet PDF - Sanyo Semicon Device

Part # LC7537
Download  LC7537 Click to download

File Size   718.16 Kbytes
Page   21 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Electronic Volume Control for Car Stereo Systems

LC7537 Datasheet (HTML) - Sanyo Semicon Device


LC7537 Product details

Overview
The LC75373E is an electronic volume control that can implement volume, balance, fader, bass/treble + super bass, loudness, input switching, and input/output level control functions with a minimal number of external components.

Features
• On-chip buffer amplifiers for a minimum of external components.
• Built-in reference voltage generation circuit
• Serial data input: Supports CCB format communication with the system controller.

Functions
• Volume: Provides 81 positions, from 0 dB to –79 dB (in 1-dB steps) and –∞. A balance function can be implemented by controlling the left and right channels independently.
• Fader: This function can attenuate either the rear or the front outputs over 16 positions. (From 0 to –20 dB in 2-dB steps, from –20 to –25 dB in one 5-dB step, from –25 to –45 dB in 10-dB steps, –60 dB, and –∞.)
• Bass/treble: Forms an NF-type tone control circuit with the addition of external capacitors. The base and treble controls each have 15 positions.
• Input gain: The input signal can be amplified from 0 dB to +18.75 dB in 1.25 dB steps.
• Output gain: One of two output of 0 dB and + 6.5 dB can be selected for fader output.
• Input switch: The signal can be selected from one of four inputs for each of the left and right channels.
• Super bass: The position of super bass can be controlled in 11 steps.




Similar Part No. - LC7537

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7537 SANYO-LC7537 Datasheet
284Kb / 11P
Electronic Volume Control System for Audio Equipment
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
Car Stereo Electronic Tone and Volume Control
LC75372E SANYO-LC75372E Datasheet
481Kb / 18P
Electronic Volume Control for Car Stereo Systems
LC75374E SANYO-LC75374E Datasheet
383Kb / 17P
Electronic Volume and Tone Control for Car Stereos
LC7537AN SANYO-LC7537AN Datasheet
284Kb / 11P
Electronic Volume Control System for Audio Equipment
More results


Similar Description - LC7537

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
Car Stereo Electronic Tone and Volume Control
LC75372E SANYO-LC75372E Datasheet
481Kb / 18P
Electronic Volume Control for Car Stereo Systems
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
Electronic Volume Control for Car Audio Systems
LC75386NE SANYO-LC75386NE Datasheet
320Kb / 20P
Electronic Volume and Tone Control for Car Stereo Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
Electronic Volume Controller for Car Audio Systems
LC75412WS SANYO-LC75412WS Datasheet
185Kb / 19P
Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
For Car Audio Systems Electronic Volume IC
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
Electronic Volume IC for Car Audio Systems
May, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com