Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DL1510 Datasheet (PDF) - Cypress Semiconductor

CY2DL1510 Datasheet PDF - Cypress Semiconductor
Part # CY2DL1510
Download  CY2DL1510 Download
File Size   371.41 Kbytes
Page   15 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1:10 Differential LVDS Fanout Buffer

CY2DL1510 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY2DL1510 Datasheet PDF - Cypress Semiconductor

Part # CY2DL1510
Download  CY2DL1510 Click to download

File Size   371.41 Kbytes
Page   15 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1:10 Differential LVDS Fanout Buffer

CY2DL1510 Datasheet (HTML) - Cypress Semiconductor


CY2DL1510 Product details

Functional Description
The CY2DL1510 is an ultra-low noise, low-skew, low-propagation delay 1:10 differential LVDS fanout buffer targeted to meet the requirements of high-speed clock distribution applications. The on-chip 100-Ω input termination resistor reduces board component count, while the synchronous clock enable function ensures glitch-free output transitions during enable and disable periods. The device has a fully differential internal architecture that is optimized to achieve low-additive jitter and low-skew at operating frequencies of up to 1.5 GHz.

Features
■ Low-voltage differential signal (LVDS) input with on-chip 100-Ω input termination resistor
■ Ten differential LVDS outputs
■ 40-ps maximum output-to-output skew
■ 600-ps maximum propagation delay
■ 0.11-ps maximum additive RMS phase jitter at 156.25 MHz (12-kHz to 20-MHz offset)
■ Up to 1.5-GHz operation
■ Synchronous clock enable function
■ 32-pin thin quad flat pack (TQFP) package
■ 2.5-V or 3.3-V operating voltage[1]
■ Commercial and industrial operating temperature range




Similar Part No. - CY2DL1510

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL15110AZC CYPRESS-CY2DL15110AZC Datasheet
430Kb / 13P
1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL15110AZCT CYPRESS-CY2DL15110AZCT Datasheet
430Kb / 13P
1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL15110AZI CYPRESS-CY2DL15110AZI Datasheet
430Kb / 13P
1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL15110AZIT CYPRESS-CY2DL15110AZIT Datasheet
430Kb / 13P
1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Similar Description - CY2DL1510

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100ES7111 MOTOROLA-MC100ES7111 Datasheet
129Kb / 8P
LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK FANOUT BUFFER
logo
Cypress Semiconductor
CY2PP3220 CYPRESS-CY2PP3220 Datasheet
190Kb / 9P
Dual 1:10 Differential Clock / Data Fanout Buffer
logo
Integrated Device Techn...
MC100ES8014 IDT-MC100ES8014 Datasheet
496Kb / 7P
Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
logo
Integrated Device Techn...
ICS854S006AGILF IDT-ICS854S006AGILF Datasheet
205Kb / 15P
Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
logo
ON Semiconductor
NB3L8504S ONSEMI-NB3L8504S_16 Datasheet
249Kb / 11P
1:4 Differential Input to LVDS Fanout Buffer / Translator
April, 2016 ??Rev. 2
logo
Integrated Device Techn...
851010 IDT-851010 Datasheet
298Kb / 16P
1-to-10, Differential HCSL Fanout Buffer
ICS851010I IDT-ICS851010I Datasheet
756Kb / 17P
1-to-10, Differential HCSL Fanout Buffer
logo
Renesas Technology Corp
ICS851010I RENESAS-ICS851010I Datasheet
1Mb / 18P
1-to-10, Differential HCSL Fanout Buffer
AUGUST 2, 2010
851010 RENESAS-851010 Datasheet
303Kb / 16P
1-to-10, Differential HCSL Fanout Buffer
December 3, 2015
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com