Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLL5226B Datasheet (PDF) - Central Semiconductor Corp

CLL5226B Datasheet PDF - Central Semiconductor Corp
Part # CLL5226B
Download  CLL5226B Download
File Size   311.79 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT SILICON ZENER DIODE 500mW, 2.4 THRU 75 VOLTS

CLL5226B Datasheet (PDF)

Go To PDF Page Download Datasheet
CLL5226B Datasheet PDF - Central Semiconductor Corp

Part # CLL5226B
Download  CLL5226B Click to download

File Size   311.79 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT SILICON ZENER DIODE 500mW, 2.4 THRU 75 VOLTS

CLL5226B Datasheet (HTML) - Central Semiconductor Corp


CLL5226B Product details

DESCRIPTION:
The CENTRAL SEMICONDUCTOR CLL5221B Series Silicon Zener Diode is a high quality voltage regulator designed for use in industrial, commercial, entertainment, and computer applications.

MARKING: CATHODE BAND




Similar Part No. - CLL5226B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL5226B CENTRAL-CLL5226B Datasheet
682Kb / 2P
SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 75 VOLTS
More results


Similar Description - CLL5226B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZV55C2V4 CENTRAL-BZV55C2V4 Datasheet
81Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
CLL5221B CENTRAL-CLL5221B Datasheet
682Kb / 2P
SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 75 VOLTS
CMHZ5221B CENTRAL-CMHZ5221B Datasheet
59Kb / 2P
SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
BZX84B5V1 CENTRAL-BZX84B5V1 Datasheet
120Kb / 2P
SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMSZDA2V4 CENTRAL-CMSZDA2V4 Datasheet
124Kb / 2P
SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
BZV55C2V4 CENTRAL-BZV55C2V4_10 Datasheet
318Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5% TOLERANCE
BZX84C2V4 CENTRAL-BZX84C2V4 Datasheet
336Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
CMHZ5221B CENTRAL-CMHZ5221B_10 Datasheet
377Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 500mW, 5% TOLERANCE
BZX84C3V3-33 CENTRAL-BZX84C3V3-33 Datasheet
336Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com