Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLL5226B Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CLL5226B
Description  SURFACE MOUNT SILICON ZENER DIODE 500mW, 2.4 THRU 75 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CLL5226B Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CLL5226B Datasheet HTML 1Page - Central Semiconductor Corp CLL5226B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CLL5221B THRU CLL5267B
SURFACE MOUNT
SILICON ZENER DIODE
500mW, 2.4 THRU 75 VOLTS
TYPE NO.
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
IZT
MAXIMUM ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER VOLTAGE
TEMPERATURE
COEFFICIENT
MIN
NOM
MAX
ZZT @ IZT
ZZK @ IZK
IR @ VR
ΘV
Z
V
V
V
mA
Ω
Ω
mA
μA
V
%/°C
CLL5246B
15.20
16
16.80
7.8
17
600
0.25
0.1
12
+0.083
CLL5247B
16.15
17
17.85
7.4
19
600
0.25
0.1
13
+0.084
CLL5248B
17.10
18
18.90
7.0
21
600
0.25
0.1
14
+0.085
CLL5249B
18.05
19
19.95
6.6
23
600
0.25
0.1
14
+0.086
CLL5250B
19.00
20
21.00
6.2
25
600
0.25
0.1
15
+0.086
CLL5251B
20.90
22
23.10
5.6
29
600
0.25
0.1
17
+0.087
CLL5252B
22.80
24
25.20
5.2
33
600
0.25
0.1
18
+0.088
CLL5253B
23.75
25
26.25
5.0
35
600
0.25
0.1
19
+0.089
CLL5254B
25.65
27
28.35
4.6
41
600
0.25
0.1
21
+0.090
CLL5255B
26.60
28
29.40
4.5
44
600
0.25
0.1
21
+0.091
CLL5256B
28.50
30
31.50
4.2
49
600
0.25
0.1
23
+0.091
CLL5257B
21.35
33
34.65
3.8
58
700
0.25
0.1
25
+0.092
CLL5258B
34.20
36
37.80
3.4
70
700
0.25
0.1
27
+0.093
CLL5259B
37.05
39
40.95
3.2
80
800
0.25
0.1
30
+0.094
CLL5260B
40.85
43
45.15
3.0
93
900
0.25
0.1
33
+0.095
CLL5261B
44.65
47
49.35
2.7
105
100
0.25
0.1
36
+0.095
CLL5262B
48.45
51
53.55
2.5
125
1100
0.25
0.1
39
+0.096
CLL5263B
53.20
56
58.80
2.2
150
1300
0.25
0.1
43
+0.096
CLL5264B
57.00
60
63.00
2.1
170
1400
0.25
0.1
46
+0.097
CLL5265B
58.90
62
65.10
2.0
185
1400
0.25
0.1
47
+0.097
CLL5266B
64.60
68
71.40
1.8
230
1600
0.25
0.1
52
+0.097
CLL5267B
71.25
75
78.75
1.7
270
1700
0.25
0.1
56
+0.098
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C) VF=1.25V MAX @ IF=200mA (for all types)
SOD-80 CASE - MECHANICAL OUTLINE
MARKING: CATHODE BAND
www.centr a lsemi.com
R6 (8-January 2010)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com