Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC78836M Datasheet (PDF) - Sanyo Semicon Device

LC78836M Datasheet PDF - Sanyo Semicon Device
Part # LC78836M
Download  LC78836M Download
File Size   348.36 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Digital Audio 16-Bit D/A Converter with On-Chip Digital Filters?

LC78836M Datasheet (PDF)

Go To PDF Page Download Datasheet
LC78836M Datasheet PDF - Sanyo Semicon Device

Part # LC78836M
Download  LC78836M Click to download

File Size   348.36 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Digital Audio 16-Bit D/A Converter with On-Chip Digital Filters?

LC78836M Datasheet (HTML) - Sanyo Semicon Device


LC78836M Product details

Overview

The LC78836M is a 16-bit CMOS D/A converter that includes 8×oversampling filters on chip. It is pin compatible with the LC78835M and LC78835KM.



Functions and Features

Digital Filter Block

•8×oversampling filters: Three FIR filter stages (33rd order, 13th-order, and ninth-order filters)

• De-emphasis filter: Support for 32 kHz, 44.1 kHz, and 48 kHz Fs frequencies

• Soft muting

• Noise shaper

• Supports double-speed operation

D/A Converter Block

• 16-bit dynamic level shifting D/A conversion

• Two D/A converter channels on a single chip (synchronous outputs)

• On-chip output operational amplifiers

• System clock: Supports 384 fs, 392 fs, 448 fs, and 512 fs clocks

• Single 5 V power supply

• Low-voltage operation (3 V) also possible

• Si-gate CMOS process for low power dissipation




Similar Part No. - LC78836M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7883 SANYO-LC7883 Datasheet
313Kb / 9P
LC7883M
LC78832M SANYO-LC78832M Datasheet
177Kb / 8P
16-Bit D/A Converter LSI with On-Chip Digital Filters
LC78833 SANYO-LC78833 Datasheet
295Kb / 11P
Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
LC78833M SANYO-LC78833M Datasheet
295Kb / 11P
Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
LC78833V SANYO-LC78833V Datasheet
295Kb / 11P
Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
More results


Similar Description - LC78836M

ManufacturerPart #DatasheetDescription
logo
NEC
UPD63210 NEC-UPD63210 Datasheet
141Kb / 18P
16-BIT D/A CONVERTER WITH BUILT-IN DIGITAL FILTER FOR AUDIO
logo
Sanyo Semicon Device
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
16-Bit D/A Converter for Digital Audio?
LC78832M SANYO-LC78832M Datasheet
177Kb / 8P
16-Bit D/A Converter LSI with On-Chip Digital Filters
LC78833M SANYO-LC78833M Datasheet
295Kb / 11P
Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
LC78834M SANYO-LC78834M Datasheet
243Kb / 13P
Stereo 18-bit Digital Audio D/A Converter with On-Chip 4 fs Digital Filters?
LC78855KM SANYO-LC78855KM Datasheet
172Kb / 9P
Digital Audio D/A Converter with Built-in Digital Filters
LC78857V SANYO-LC78857V Datasheet
199Kb / 11P
Digital Audio D/A Converter IC with On-Chip Digital Filters
logo
Cirrus Logic
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
16-Bit Stereo A/D Converter for Digital Audio
logo
NEC
UPD63200 NEC-UPD63200 Datasheet
655Kb / 18P
DIGITAL AUDIO 18 BIT D/A CONVERTER
logo
Sony Corporation
CXD2564AM SONY-CXD2564AM Datasheet
885Kb / 13P
1-bit Audio D/A Converter (with Digital Filter)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com