Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC78855 Datasheet (PDF) - Sanyo Semicon Device

LC78855 Datasheet PDF - Sanyo Semicon Device
Part # LC78855
Download  LC78855 Download
File Size   172.6 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Digital Audio D/A Converter with Built-in Digital Filters

LC78855 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC78855 Datasheet PDF - Sanyo Semicon Device

Part # LC78855
Download  LC78855 Click to download

File Size   172.6 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Digital Audio D/A Converter with Built-in Digital Filters

LC78855 Datasheet (HTML) - Sanyo Semicon Device


LC78855 Product details

Overview
The LC78855KM is a Σ∆ D/A converter with built-in digital filters for use in digital audio products.

Features
• 8× oversampling digital filters
• Digital de-emphasis (for Fs = 44.1 kHz)
• Digital attenuation (with serial input)
• Soft muting (with parallel inputs)
• Supports double-speed playback.
• Supports a 384 fs system clock.
• PWM output
• Single 5 V power supply
• Si gate CMOS process




Similar Part No. - LC78855

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78850 SANYO-LC78850 Datasheet
166Kb / 8P
Two-channel,16- and 18-bit D/A Converters for Digital Audio
LC78850Q SANYO-LC78850Q Datasheet
166Kb / 8P
Two-channel,16- and 18-bit D/A Converters for Digital Audio
LC78856 SANYO-LC78856 Datasheet
177Kb / 8P
Built-in Digital Filter D/A Converters for Digital Audio
LC78856M SANYO-LC78856M Datasheet
177Kb / 8P
Built-in Digital Filter D/A Converters for Digital Audio
LC78856V SANYO-LC78856V Datasheet
177Kb / 8P
Built-in Digital Filter D/A Converters for Digital Audio
More results


Similar Description - LC78855

ManufacturerPart #DatasheetDescription
logo
NEC
UPD63210 NEC-UPD63210 Datasheet
141Kb / 18P
16-BIT D/A CONVERTER WITH BUILT-IN DIGITAL FILTER FOR AUDIO
logo
Nippon Precision Circui...
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
Digital Audio D/A Converter
SM5872A NPC-SM5872A Datasheet
802Kb / 26P
CMOS LSI(Digital D/A Converters with Built-in Digital Filters
logo
Sanyo Semicon Device
LC78833M SANYO-LC78833M Datasheet
295Kb / 11P
Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
LC78834M SANYO-LC78834M Datasheet
243Kb / 13P
Stereo 18-bit Digital Audio D/A Converter with On-Chip 4 fs Digital Filters?
LC78836M SANYO-LC78836M Datasheet
348Kb / 12P
Digital Audio 16-Bit D/A Converter with On-Chip Digital Filters?
LC78856M SANYO-LC78856M Datasheet
177Kb / 8P
Built-in Digital Filter D/A Converters for Digital Audio
LC78857V SANYO-LC78857V Datasheet
199Kb / 11P
Digital Audio D/A Converter IC with On-Chip Digital Filters
logo
Asahi Kasei Microsystem...
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
digital audio 16bit A/D converter
AKD5701-A AKM-AKD5701-A Datasheet
461Kb / 40P
digital audio 16bit A/D converter
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com