Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESOT24LCC-2 Datasheet (PDF) - Protek Devices

ESOT24LCC-2 Datasheet PDF - Protek Devices
Part # ESOT24LCC-2_10
Download  ESOT24LCC-2 Download
File Size   601.76 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description LOW CAPACITANCE TVS ARRAY

ESOT24LCC-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESOT24LCC-2 Datasheet PDF - Protek Devices

Part # ESOT24LCC-2_10
Download  ESOT24LCC-2 Click to download

File Size   601.76 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description LOW CAPACITANCE TVS ARRAY

ESOT24LCC-2 Datasheet (HTML) - Protek Devices


ESOT24LCC-2 Product details

DESCRIPTION
The ESOT24LCC-2, a high frequency, transient suppression protector for handheld devices and wireless telecommunications applications. This device is packaged in a SOT-23 plastic case and is available in a 24 volt, bidirectional configuration.

FEATuRES
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• 100 Watts Peak Pulse Power per Line(tp = 8/20µs)
• Protects Two Bidirectional Lines
• Bidirectional Configuration
• Low Leakage Current < 1.0µA
• Low Capacitance < 6pF per Line
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• Ethernet - 10/100/1000 Base T
• CAN Bus
• Cellular Phones
• Audio/Video Inputs
• SMART Phones
• E1/T1 & E3/T3




Similar Part No. - ESOT24LCC-2_10

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ESOT24LCC-2 PROTEC-ESOT24LCC-2_12 Datasheet
603Kb / 6P
LOW CAPACITANCE TVS ARRAY
More results


Similar Description - ESOT24LCC-2_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
LOW CAPACITANCE TVS ARRAY
logo
Protek Devices
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
LOW CAPACITANCE TVS ARRAY
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
LOW CAPACITANCE TVS ARRAY
PAM06SC7905S PROTEC-PAM06SC7905S Datasheet
437Kb / 6P
LOW CAPACITANCE TVS ARRAY
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
LOW CAPACITANCE TVS ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com