Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY62148VNLL Datasheet (PDF) - Cypress Semiconductor

CY62148VNLL Datasheet PDF - Cypress Semiconductor
Part # CY62148VNLL
Download  CY62148VNLL Download
File Size   405.42 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4 Mbit (512K x 8) Static RAM

CY62148VNLL Datasheet (PDF)

Go To PDF Page Download Datasheet
CY62148VNLL Datasheet PDF - Cypress Semiconductor

Part # CY62148VNLL
Download  CY62148VNLL Click to download

File Size   405.42 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4 Mbit (512K x 8) Static RAM

CY62148VNLL Datasheet (HTML) - Cypress Semiconductor


CY62148VNLL Product details

Functional Description
The CY62148VN is a high performance CMOS static RAM organized as 512K words by eight bits. This device features advanced circuit design to provide ultra-low active current. This is ideal for providing More Battery Life™ (MoBL®) in portable applications such as cellular telephones. The device also has an automatic power down feature that significantly reduces power consumption by 99 percent when addresses are not toggling.

Features
■ Wide Voltage Range: 2.7V to 3.6V
■ Ultra Low Active Power
■ Low Standby Power
■ TTL-compatible Inputs and Outputs
■ Automatic Power Down when deselected
■ CMOS for optimum Speed and Power
■ Package available in a 32-Pin TSOP II and a 32-Pin SOIC Package




Similar Part No. - CY62148VNLL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148V CYPRESS-CY62148V Datasheet
189Kb / 11P
512K x 8 MoBL Static RAM
March 23, 2000
CY62148V CYPRESS-CY62148V Datasheet
166Kb / 9P
4M (512K x 8) Static RAM
CY62148VLL-70BAI CYPRESS-CY62148VLL-70BAI Datasheet
189Kb / 11P
512K x 8 MoBL Static RAM
March 23, 2000
CY62148VLL-70SI CYPRESS-CY62148VLL-70SI Datasheet
189Kb / 11P
512K x 8 MoBL Static RAM
March 23, 2000
CY62148VLL-70SI CYPRESS-CY62148VLL-70SI Datasheet
166Kb / 9P
4M (512K x 8) Static RAM
More results


Similar Description - CY62148VNLL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049DV33 CYPRESS-CY7C1049DV33 Datasheet
433Kb / 8P
4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
4 Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_10 Datasheet
499Kb / 10P
4-Mbit (512K x 8) Static RAM
CY62148BLL-70SXI CYPRESS-CY62148BLL-70SXI Datasheet
343Kb / 11P
4-Mbit (512K x 8) Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com