Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY62148V Datasheet (PDF) - Cypress Semiconductor

CY62148V Datasheet PDF - Cypress Semiconductor
Part # CY62148V
Download  CY62148V Download
File Size   189.01 Kbytes
Page   11 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 512K x 8 MoBL Static RAM

CY62148V Datasheet (PDF)

Go To PDF Page Download Datasheet
CY62148V Datasheet PDF - Cypress Semiconductor

Part # CY62148V
Download  CY62148V Click to download

File Size   189.01 Kbytes
Page   11 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 512K x 8 MoBL Static RAM

CY62148V Datasheet (HTML) - Cypress Semiconductor


CY62148V Product details

Functional Description
The CY62148V is a high-performance CMOS static RAM organized as 524,288 words by 8 bits.

Features
• 2.7V−3.6V operation
• CMOS for optimum speed/power
• Low active power
    — 180 mW (max.)
• Low standby power (Commercial LL version)
    — 54 µW (max.)
• Automatic power-down when deselected
• TTL-compatible inputs and outputs
• Easy memory expansion with CE and OE options




Similar Part No. - CY62148V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148V CYPRESS-CY62148V Datasheet
166Kb / 9P
4M (512K x 8) Static RAM
CY62148VLL-70SI CYPRESS-CY62148VLL-70SI Datasheet
166Kb / 9P
4M (512K x 8) Static RAM
CY62148VLL-70ZI CYPRESS-CY62148VLL-70ZI Datasheet
166Kb / 9P
4M (512K x 8) Static RAM
CY62148VN CYPRESS-CY62148VN Datasheet
405Kb / 10P
4 Mbit (512K x 8) Static RAM
CY62148VNLL CYPRESS-CY62148VNLL Datasheet
405Kb / 10P
4 Mbit (512K x 8) Static RAM
More results


Similar Description - CY62148V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
512K x 8 Static RAM
CY62148CV25 CYPRESS-CY62148CV25 Datasheet
272Kb / 13P
512K x 8 MoBL Static RAM
CY62158CV30 CYPRESS-CY62158CV30 Datasheet
256Kb / 12P
1024K x 8 MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30 Datasheet
455Kb / 12P
8-Mbit (512K x 16) MoBL Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
512K x 8 Static RAM
CY7C1049BNV33 CYPRESS-CY7C1049BNV33 Datasheet
421Kb / 8P
512K x 8 Static RAM
CY7C1049BN CYPRESS-CY7C1049BN_09 Datasheet
443Kb / 10P
512K x 8 Static RAM
CY62157DV30 CYPRESS-CY62157DV30_09 Datasheet
583Kb / 12P
8-Mbit (512K x 16) MoBL Static RAM
CY62148DV30 CYPRESS-CY62148DV30_11 Datasheet
566Kb / 13P
4-Mbit (512K x 8) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
8-Mbit (512K x 16) MoBL Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com