Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC7932M Datasheet (PDF) - Sanyo Semicon Device

LC7932M Datasheet PDF - Sanyo Semicon Device
Part # LC7932M
Download  LC7932M Download
File Size   104.13 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 16-bit LED Driver

LC7932M Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7932M Datasheet PDF - Sanyo Semicon Device

Part # LC7932M
Download  LC7932M Click to download

File Size   104.13 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 16-bit LED Driver

LC7932M Datasheet (HTML) - Sanyo Semicon Device


LC7932M Product details

Overview

The LC7932, 7932M are LSIs that contain a 16-bit bidirectional shift register and are capable of direct driving a multiple lighting LED (dot matrix or dot array). The LC7932, 7932M are especially suited for use in LED display panel, PPC photosensitive drum LED erase head applications.



Features

• Silicon gate C-MOS device capable of high-speed, high current drive.

• High-speed shiftable 16-bit bidirectional shift register/16-bit latch/output control circuit/16-bit N-channel transistor open drain output transistor on chip.

• Serial shift data is shifted on the positive transition of the clock (CLOCK) pulse.

• The data latch circuit outputs input data when the latch control (LATCH) pin is at L-level and holds output data when the latch control (LATCH) pin is at H-level.

• Maximum ratings of driver output: VO = +15V, IOL = 30mA (STATIC)/120mA(DYNAMIC).

• Operating voltage of logic unit: VDD = 4.5V to 5.5V.

• Operating clock frequency: fCLK = DC to 5MHz (max).

• Package: LC7932 : DIP30S LC7932M : MFP30S

• The bidirectional shift register is so designed as to cause a shift to occur in the SI to SO direction when L/R = L level and in the SO to SI direction when L/R = H-level.

• When a high level is applied to the LSET pin (“latch set”), the latch data is set to the high level. The latch data does not change when the LSET pin is low or open.




Similar Part No. - LC7932M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7930N SANYO-LC7930N Datasheet
79Kb / 7P
LCD Drivers
LC7930NW SANYO-LC7930NW Datasheet
79Kb / 7P
LCD Drivers
LC7931 SANYO-LC7931 Datasheet
148Kb / 8P
80-Channel Liquid-crystal Display Driver
LC7931D SANYO-LC7931D Datasheet
148Kb / 8P
80-Channel Liquid-crystal Display Driver
LC7935AN SANYO-LC7935AN Datasheet
91Kb / 5P
General-Purpose 32-Bit Shift Register Latch Driver
More results


Similar Description - LC7932M

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM16706 SAMHOP-SM16706 Datasheet
153Kb / 15P
16-BIT CONSTANT CURRENT LED DRIVER
logo
Agamem Microelectronic ...
AA1726 AGAMEM-AA1726 Datasheet
38Kb / 1P
16-bit Constant Current LED Driver
logo
Silan Microelectronics ...
SD16729P SILAN-SD16729P Datasheet
874Kb / 13P
16-BIT CONSTANT CURRENT LED DRIVER
logo
Silicon Touch Technolog...
DM13A SITI-DM13A Datasheet
462Kb / 20P
16-bit Constant Current LED Driver
logo
Unisonic Technologies
L16B06 UTC-L16B06 Datasheet
339Kb / 13P
16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_15 Datasheet
339Kb / 13P
16-BIT CONSTANT CURRENT LED DRIVER
logo
NXP Semiconductors
PCA9635 PHILIPS-PCA9635 Datasheet
195Kb / 35P
16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
logo
Unisonic Technologies
L16B40 UTC-L16B40 Datasheet
245Kb / 7P
16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_16 Datasheet
299Kb / 13P
16-BIT CONSTANT CURRENT LED DRIVER
logo
SHENZHEN FUMAN ELECTRON...
TC5020CA FUMAN-TC5020CA Datasheet
865Kb / 14P
16-bit constant current LED driver IC
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com