Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC7930N Datasheet (PDF) - Sanyo Semicon Device

LC7930N Datasheet PDF - Sanyo Semicon Device
Part # LC7930N
Download  LC7930N Download
File Size   79.39 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description LCD Drivers

LC7930N Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7930N Datasheet PDF - Sanyo Semicon Device

Part # LC7930N
Download  LC7930N Click to download

File Size   79.39 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description LCD Drivers

LC7930N Datasheet (HTML) - Sanyo Semicon Device


LC7930N Product details

Overview
The LC7930N, 7930NW are CMOS LSIs which incorporate 20-bit shift register, latch, and two sets of 20 LCD drivers. They also have two switching pins: one of them (channel 2) can be used as a scan-line driver (back plate) and the other (channel 1) as a segment driver. They are optimal for LCD interface with microcontroller (4 or 8 bits) or dot matrix controller circuit incorporating character generator.

Features
• Two channels of 20 output segment drivers
• The configuration of 20 output segment drivers + 20
   scanning terminal drivers available
• A series data to connect with the microcontroller and three
   control signals
• Able to be connected in series for large display
• Built-in bidirectional shift register can be shifted in the
   direction that makes wiring easy
• Operating supply voltage/ Operating temperature:
   VDD = 4.5 to 5.5 V / Topr = –20 to +75°C
• Operating current drain : IDD = 1.0 mA max
   (Logic = 400 kHz, LCD = 1 kHz)
• Package : Pin 60 Flat LC7930N : QIP60
   Pin 64 Flat LC7930NW : SQFP64




Similar Part No. - LC7930N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7931 SANYO-LC7931 Datasheet
148Kb / 8P
80-Channel Liquid-crystal Display Driver
LC7931D SANYO-LC7931D Datasheet
148Kb / 8P
80-Channel Liquid-crystal Display Driver
LC7932 SANYO-LC7932 Datasheet
104Kb / 5P
16-bit LED Driver
LC7932M SANYO-LC7932M Datasheet
104Kb / 5P
16-bit LED Driver
LC7935AN SANYO-LC7935AN Datasheet
91Kb / 5P
General-Purpose 32-Bit Shift Register Latch Driver
More results


Similar Description - LC7930N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2103 PHILIPS-PCF2103 Datasheet
300Kb / 56P
LCD controllers/drivers
1998 May 11
PCF2116 PHILIPS-PCF2116 Datasheet
407Kb / 64P
LCD controller/drivers
1997 Apr 07
logo
Sanyo Semicon Device
LC75821E SANYO-LC75821E Datasheet
143Kb / 10P
LCD Display Drivers
logo
NXP Semiconductors
PCF2113X PHILIPS-PCF2113X Datasheet
332Kb / 72P
LCD controllers/drivers
2001 Dec 19
PCF2119X PHILIPS-PCF2119X Datasheet
339Kb / 68P
LCD controllers/drivers
2003 Jan 30
PCF2100CP PHILIPS-PCF2100CP Datasheet
206Kb / 24P
LCD drivers
1997 Mar 28
PCF2116CU NXP-PCF2116CU Datasheet
277Kb / 64P
LCD controller/drivers
1997 Apr 07
PCF2112CT PHILIPS-PCF2112CT Datasheet
147Kb / 24P
LCD drivers
1997 Mar 28
PCF2116AU NXP-PCF2116AU Datasheet
277Kb / 64P
LCD controller/drivers
1997 Apr 07
PCF21XXC NXP-PCF21XXC Datasheet
258Kb / 25P
LCD drivers
Rev. 3 - 6 May 2015
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com