Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2103 Datasheet (PDF) - NXP Semiconductors

PCF2103 Datasheet PDF - NXP Semiconductors
Part # PCF2103
Download  PCF2103 Download
File Size   300.08 Kbytes
Page   56 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description LCD controllers/drivers

PCF2103 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF2103 Datasheet PDF - NXP Semiconductors

Part # PCF2103
Download  PCF2103 Click to download

File Size   300.08 Kbytes
Page   56 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description LCD controllers/drivers

PCF2103 Datasheet (HTML) - NXP Semiconductors


PCF2103 Product details

GENERAL DESCRIPTION

The PCF2103 family is a low power CMOS LCD controller and driver, designed to drive a dot matrix LCD display of 2 line by 12 or 1 line by 24 characters with 5×8 dot format. All necessary functions for the display are provided in a single chip, including on-chip generation of LCD bias voltages, resulting in a minimum of external components and lower system current consumption.



FEATURES

• Single-chip LCD controller/driver

• 2-line display of up to 12 characters + 120 icons, or 1-line display of up to 24 characters + 120 icons

• 5×7 character format plus cursor; 5×8 for kana (Japanese syllabary) and user defined symbols

• Icon mode: reduced current consumption while displaying icons only(1)

• Icon blink function

• On-chip:

– Generation of intermediate LCD bias voltages

– Oscillator requires no external components (external clock also possible)

• Display data RAM: 80 characters

• Character generator ROM: 240, 5×8 characters

• Character generator RAM: 16, 5×8 characters; 3 characters used to drive 120 icons, 6 characters used if icon blink feature is used in application

• 4 or 8-bit parallel bus and 2-wire I2C-bus interface

• CMOS compatible

• 18 row, 60 column outputs

• Mux rates 1 : 18 (for normal operation) and 1 : 2 (for icon-only mode)

• Uses common 11 code instruction set (extended)

• Logic supply voltage range, VDD−VSS= 1.8 to 5.5 V; chip may be driven with two battery cells

• Display supply voltage range, VLCD−VSS= 2.2 to 6.5 V

• Very low current consumption (20 to 120µA):

– Icon mode: <25µA

– Power-down mode: <2.5µA.



APPLICATIONS

• Telecom equipment

• Portable instruments

• Point-of-sale terminals.




Similar Part No. - PCF2103

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2100CP PHILIPS-PCF2100CP Datasheet
206Kb / 24P
LCD drivers
1997 Mar 28
PCF2100CP PHILIPS-PCF2100CP Datasheet
147Kb / 24P
LCD drivers
1997 Mar 28
PCF2100CP PHILIPS-PCF2100CP Datasheet
205Kb / 24P
Supply voltage 2.25 to 6.0V
1997 Mar 28
PCF2100CT PHILIPS-PCF2100CT Datasheet
206Kb / 24P
LCD drivers
1997 Mar 28
PCF2100CT PHILIPS-PCF2100CT Datasheet
147Kb / 24P
LCD drivers
1997 Mar 28
More results


Similar Description - PCF2103

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2113X PHILIPS-PCF2113X Datasheet
332Kb / 72P
LCD controllers/drivers
2001 Dec 19
logo
National Semiconductor ...
DS8887 NSC-DS8887 Datasheet
232Kb / 4P
DISPLAY CONTROLLERS / DRIVERS
logo
NXP Semiconductors
PCF2119X PHILIPS-PCF2119X Datasheet
339Kb / 68P
LCD controllers/drivers
2003 Jan 30
PCF2119X-2 PHILIPS-PCF2119X-2 Datasheet
261Kb / 60P
LCD controllers/drivers
28. August 2000
PCF2119X NXP-PCF2119X Datasheet
457Kb / 79P
LCD controllers/drivers
Rev. 05-13 August 2009
PCF2113X NXP-PCF2113X Datasheet
404Kb / 65P
LCD controllers/drivers
Rev. 04-4 March 2008
PCF2119X NXP-PCF2119X_10 Datasheet
2Mb / 83P
LCD controllers/drivers Single-chip LCD controller and driver
Rev. 7-15 November 2010
PCF2119X NXP-PCF2119X_11 Datasheet
1Mb / 83P
LCD controllers/drivers Single-chip LCD controller and driver
Rev. 9-14 April 2011
PCF2100CP PHILIPS-PCF2100CP Datasheet
206Kb / 24P
LCD drivers
1997 Mar 28
PCF21XXC NXP-PCF21XXC Datasheet
258Kb / 25P
LCD drivers
Rev. 3 - 6 May 2015
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com