Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2103 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF2103
Description  LCD controllers/drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2103 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF2103 Datasheet HTML 1Page - NXP Semiconductors PCF2103 Datasheet HTML 2Page - NXP Semiconductors PCF2103 Datasheet HTML 3Page - NXP Semiconductors PCF2103 Datasheet HTML 4Page - NXP Semiconductors PCF2103 Datasheet HTML 5Page - NXP Semiconductors PCF2103 Datasheet HTML 6Page - NXP Semiconductors PCF2103 Datasheet HTML 7Page - NXP Semiconductors PCF2103 Datasheet HTML 8Page - NXP Semiconductors PCF2103 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
1998 May 11
3
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2103 family
2
APPLICATIONS
• Telecom equipment
• Portable instruments
• Point-of-sale terminals.
3
GENERAL DESCRIPTION
The PCF2103 family is a low power CMOS LCD controller
and driver, designed to drive a dot matrix LCD display of
2 line by 12 or 1 line by 24 characters with 5
× 8 dot
format. All necessary functions for the display are provided
in a single chip, including on-chip generation of LCD bias
voltages, resulting in a minimum of external components
and lower system current consumption. The PCF2103
interfaces to most microcontrollers via a 4 or 8-bit bus or
via the 2-wire I2C-bus. The chip contains a character
generator and displays alphanumeric and kana
(Japanese) characters. The letter ‘X’ in PCF2103X
characterizes the built-in character set. Various character
sets can be manufactured on request.
4
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF2103EU/2/F2
−
chip with bumps in tray
−
1
FEATURES
• Single-chip LCD controller/driver
• 2-line display of up to 12 characters + 120 icons,
or 1-line display of up to 24 characters + 120 icons
• 5 × 7 character format plus cursor; 5 × 8 for kana
(Japanese syllabary) and user defined symbols
• Icon mode: reduced current consumption while
displaying icons only(1)
• Icon blink function
• On-chip:
– Generation of intermediate LCD bias voltages
– Oscillator requires no external components
(external clock also possible)
• Display data RAM: 80 characters
• Character generator ROM: 240, 5 × 8 characters
• Character generator RAM: 16, 5 × 8 characters;
3 characters used to drive 120 icons, 6 characters used
if icon blink feature is used in application
• 4 or 8-bit parallel bus and 2-wire I2C-bus interface
• CMOS compatible
• 18 row, 60 column outputs
• Mux rates 1 : 18 (for normal operation) and 1 : 2
(for icon-only mode)
• Uses common 11 code instruction set (extended)
• Logic supply voltage range, VDD − VSS = 1.8 to 5.5 V;
chip may be driven with two battery cells
• Display supply voltage range, VLCD − VSS = 2.2 to 6.5 V
• Very low current consumption (20 to 120 µA):
– Icon mode: <25
µA
– Power-down mode: <2.5
µA.
(1)
Icon mode is used to save current. When only icons
are displayed, a much lower operating voltage VLCD
can be used and the switching frequency of the LCD
outputs is reduced. In most applications it is possible
to use VDD as VLCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com