Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2103 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCF2103
Description  LCD controllers/drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2103 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCF2103 Datasheet HTML 31Page - NXP Semiconductors PCF2103 Datasheet HTML 32Page - NXP Semiconductors PCF2103 Datasheet HTML 33Page - NXP Semiconductors PCF2103 Datasheet HTML 34Page - NXP Semiconductors PCF2103 Datasheet HTML 35Page - NXP Semiconductors PCF2103 Datasheet HTML 36Page - NXP Semiconductors PCF2103 Datasheet HTML 37Page - NXP Semiconductors PCF2103 Datasheet HTML 38Page - NXP Semiconductors PCF2103 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
1998 May 11
35
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2103 family
13 AC CHARACTERISTICS
VDD = 1.8 to 5.5 V; VSS =0V; VLCD = 2.2 − 6.5 V; Tamb = −40 to +85 °C; unless otherwise specified.
Note
1. All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to
VIL and VIH with an input voltage swing of VSS to VDD.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ffr(LCD)
LCD frame frequency (internal clock)
VDD = 5.0 V
45
81
147
Hz
fosc
oscillator frequency (not available at any pin)
140
250
450
kHz
fosc(ext)
external clock frequency
140
−
450
kHz
tOSCST
oscillator start-up time after PD going from
logic 1 to logic 0
−
200
300
µs
Bus timing characteristics: parallel interface; note 1
WRITE OPERATION (WRITING DATA FROM MICROCONTROLLER TO PCF2103); see Fig.23
Ten(cy)
enable cycle time
500
−−
ns
tW(en)
enable pulse width
220
−−
ns
tsu(A)
address set-up time
50
−−
ns
th(A)
address hold time
25
−−
ns
tsu(D)
data set-up time
60
−−
ns
th(D)
data hold time
25
−−
ns
READ OPERATION (READING DATA FROM PCF2103 TO MICROCONTROLLER); see Fig.24
Ten(cy)
enable cycle time
500
−−
ns
tW(en)
enable pulse width
220
−−
ns
tsu(A)
address set-up time
50
−−
ns
th(A)
address hold time
25
−−
ns
td(D)
data delay time
−−
150
ns
th(D)
data hold time
20
−
100
ns
Timing characteristics: I2C-bus interface; note 1
fSCL
SCL clock frequency
−−
400
kHz
tLOW
SCL clock LOW period
1.3
−−µs
tHIGH
SCL clock HIGH period
0.6
−−µs
tSU;DAT
data set-up time
100
−−
ns
tHD;DAT
data hold time
0
−−
ns
tr
SCL and SDA rise time
−−
300
ns
tf
SCL and SDA fall time
−−
300
ns
CB
capacitive bus line load
−−
400
pF
tSU;STA
set-up time for a repeated START condition
0.6
−−µs
tHD;STA
START condition hold time
0.6
−−µs
tSU;STO
set-up time for STOP condition
0.6
−−µs
tSW
tolerable spike width on bus
−−
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com