Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2103 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # PCF2103
Description  LCD controllers/drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2103 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button PCF2103 Datasheet HTML 48Page - NXP Semiconductors PCF2103 Datasheet HTML 49Page - NXP Semiconductors PCF2103 Datasheet HTML 50Page - NXP Semiconductors PCF2103 Datasheet HTML 51Page - NXP Semiconductors PCF2103 Datasheet HTML 52Page - NXP Semiconductors PCF2103 Datasheet HTML 53Page - NXP Semiconductors PCF2103 Datasheet HTML 54Page - NXP Semiconductors PCF2103 Datasheet HTML 55Page - NXP Semiconductors PCF2103 Datasheet HTML 56Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
1998 May 11
53
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2103 family
C4
76
−986
1414
C3
77
−1076
1414
C3 (dummy)
78
−1166
1414
C2 (dummy)
79
−1344
1303
C2
80
−1344
1213
C1
81
−1344
1123
R8
82
−1344
1033
R7
83
−1344
943
R6
84
−1344
853
R5
85
−1344
763
R4
86
−1344
673
R3
87
−1344
583
R2
88
−1344
493
R1
89
−1344
403
R17
90
−1344
313
SCL
91
−1344
131
SDA
92
−1344
−9
E93
−1344
−195
RS
94
−1344
−289
RW
95
−1344
−382
DB7
96
−1344
−476
DB6
97
−1344
−572
DB5
98
−1344
−668
DB4
99
−1344
−765
DB3
100
−1344
−861
DB2
101
−1344
−957
DB1
102
−1344
−1054
DB0
103
−1344
−1150
DB0 (dummy)
104
−1344
−1240
Rec. Pat. C1
1335
−1405
Rec. Pat. C2
−1335
1405
Rec. Pat. F
−1340
−1397
SYMBOL
PAD
X
Y
Table 19 Bump specifications
PARAMETER
SPECIFICATION
UNIT
Bump variant
N
−
Type
galvanic; pure
aurum
−
Bump width
60
±6
µm
Bump length
90
±6
µm
Bump height
17.5
±5
µm
Height difference in one
die
<2
µm
Convex deformation
<5
µm
Pad size; aluminium
80
× 100
µm
Passivation opening CBB 46
× 76
µm
Wafer thickness
380
±25
µm
Minimum pitch
90
µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com