Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2103 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCF2103
Description  LCD controllers/drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2103 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCF2103 Datasheet HTML 30Page - NXP Semiconductors PCF2103 Datasheet HTML 31Page - NXP Semiconductors PCF2103 Datasheet HTML 32Page - NXP Semiconductors PCF2103 Datasheet HTML 33Page - NXP Semiconductors PCF2103 Datasheet HTML 34Page - NXP Semiconductors PCF2103 Datasheet HTML 35Page - NXP Semiconductors PCF2103 Datasheet HTML 36Page - NXP Semiconductors PCF2103 Datasheet HTML 37Page - NXP Semiconductors PCF2103 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
1998 May 11
34
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2103 family
Notes
1. LCD outputs are open-circuit; inputs at VDD or VSS; bus inactive.
2. Tamb =25 °C; fosc = 200 kHz.
3. Resets all logic when VDD <VPOR; 3 oscillator clock cycles required.
4. Tested on sample basis.
5. Resistance of output terminals (R1 to R18 and C1 to C60) with a load current of 20
µA; outputs measured one at a
time.
6. LCD outputs open-circuit.
I2C-bus
SDA AND SCL
VIL
LOW-level input voltage
0
−
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
−
5.5
V
IL
input leakage current
VI =VDD or VSS
−1
−
+1
µA
Ci
input capacitance
note 4
−−
10
pF
IOL
LOW-level output current
pin SDA
VOL = 0.4 V; VDD =5V
3
−−
mA
LCD outputs
Ro(ROW)
row output resistance on
pins R1 to R18
note 5
−
10
30
k
Ω
Ro(COL)
column output resistance on
pins C1 to C60
note 5
−
15
40
k
Ω
Vbias(tol)
bias tolerance on
pins R1 to R18 and C1 to C60
note 6
−
20
130
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com