Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2103 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF2103
Description  LCD controllers/drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2103 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF2103 Datasheet HTML 12Page - NXP Semiconductors PCF2103 Datasheet HTML 13Page - NXP Semiconductors PCF2103 Datasheet HTML 14Page - NXP Semiconductors PCF2103 Datasheet HTML 15Page - NXP Semiconductors PCF2103 Datasheet HTML 16Page - NXP Semiconductors PCF2103 Datasheet HTML 17Page - NXP Semiconductors PCF2103 Datasheet HTML 18Page - NXP Semiconductors PCF2103 Datasheet HTML 19Page - NXP Semiconductors PCF2103 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
1998 May 11
16
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2103 family
7.15
Reset function
The PCF2103 automatically initializes (resets) when power is turned on. The reset executes a ‘clear display’ instruction,
requiring 165 oscillator cycles. After the reset the chip has the state shown in Table 5.
Table 5
State after reset
STEP
INSTRUCTION
RESET STATE (BIT/REGISTER)
RESET STATE (DESCRIPTION)
1
clear display
2
entry mode set
I/D = 1
+1 (increment)
S = 0
no shift
3
display control
D = 0
display off
C = 0
cursor off
B = 0
cursor character blink off
4
function set
DL = 1
8-bit interface
M = 0
1-line display
H = 0
normal instruction set
5
default address pointer to DDRAM; the Busy Flag (BF) indicates the busy state (BF = 1) until initialization
ends; the busy state lasts 2 ms; the chip may also be initialized by software; see Tables 16 and 17
6
icon control
IM, IB = 00
icons/icon blink disabled
7
display/screen configuration
L, P, Q = 000
default configurations
8I2C-bus interface reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com