Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2103 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF2103
Description  LCD controllers/drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2103 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF2103 Datasheet HTML 2Page - NXP Semiconductors PCF2103 Datasheet HTML 3Page - NXP Semiconductors PCF2103 Datasheet HTML 4Page - NXP Semiconductors PCF2103 Datasheet HTML 5Page - NXP Semiconductors PCF2103 Datasheet HTML 6Page - NXP Semiconductors PCF2103 Datasheet HTML 7Page - NXP Semiconductors PCF2103 Datasheet HTML 8Page - NXP Semiconductors PCF2103 Datasheet HTML 9Page - NXP Semiconductors PCF2103 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
1998 May 11
6
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2103 family
Table 1
Pin functions; note 1
Note
1. When the I2C-bus is used, the parallel interface pin E must be defined as E = 0. In I2C-bus read mode DB7 to DB0
should be connected to VDD or left open-circuit.
a) When the parallel bus is used, pins SCL and SDA must be connected to VSS or VDD; they may not be left
unconnected.
b) If the 4-bit interface is used without reading out from the PCF2103 (i.e. R/W is set permanently to logic 0), the
unused ports DB0 to DB3 can either be set to VSS or VDD instead of leaving them open.
NAME
FUNCTION
DESCRIPTION
RS
register select
RS selects the register to be accessed for read and write; there is an internal pull-up
on this pin
RS = 0 selects the instruction register for write and the busy flag and address
counter for read
RS = 1 selects the data register for both read and write
R/W
read/write
R/W selects either the read (R/W = 1) or write (R/W = 0) operation; there is an
internal pull-up on this pin
E
data bus clock
pin E is set HIGH to signal the start of a read or write operation; data is clocked in or
out of the chip on the negative edge of the clock
DB7 to DB0
data bus
the bi-directional, 3-state data bus transfers data between the system controller and
the PCF2103; DB7 may be used as the busy flag, signalling that internal operations
are not yet completed; in 4-bit operations the 4 higher order lines DB7 to DB4 are
used; DB3 to DB0 must be left open-circuit; there is an internal pull-up on each of the
data lines
C1 to C60
column driver
outputs
these pins output the data for columns
R1 to R18
row driver
outputs
these pins output the row select waveforms to the display; R17 and R18 drive the
icons
VLCD
LCD power
supply
positive power supply for the liquid crystal display
OSC
oscillator
when the on-chip oscillator is used this pin must be connected to VDD; an external
clock signal, if used, is input at this pin
SCL
serial clock line
input for the I2C-bus clock signal
SDA
serial data line
I/O for the I2C-bus data line
SA0
address pin
the hardware sub-address line is used to program the device sub-address for two
different PCF2103s on the same I2C-bus
T1
test pad
must be connected to VSS; not user accessible
PD
power-down pad PD selects chip power-down mode; for normal operation PD = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com