Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2103 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF2103
Description  LCD controllers/drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2103 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF2103 Datasheet HTML 16Page - NXP Semiconductors PCF2103 Datasheet HTML 17Page - NXP Semiconductors PCF2103 Datasheet HTML 18Page - NXP Semiconductors PCF2103 Datasheet HTML 19Page - NXP Semiconductors PCF2103 Datasheet HTML 20Page - NXP Semiconductors PCF2103 Datasheet HTML 21Page - NXP Semiconductors PCF2103 Datasheet HTML 22Page - NXP Semiconductors PCF2103 Datasheet HTML 23Page - NXP Semiconductors PCF2103 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
1998 May 11
20
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2103 family
Table 8
Specification of mnemonics used in Table 7
BIT
LOGIC 0
LOGIC 1
I/D
decrement
increment
S
display freeze
display shift
D
display off
display on
C
cursor off
cursor on
B
cursor character blink off: character at cursor
position does not blink
cursor character blink on: character at cursor
position blinks
S/C
cursor move
display shift
R/L
left shift
right shift
DL
4 bits
8 bits
H
use basic instruction set
use extended instruction set
L (ignored,
if M = 1)
left/right screen: standard connection
(as in PCF2114);
1st 12 characters of 24: columns are from 1 to 60;
2nd 12 characters of 24: columns are from 1 to 60
left/right screen: mirrored connection
(as in PCF2116);
1st 12 characters of 24: columns are from 1 to 60;
2nd 12 characters of 24: columns are from 60 to 1
P
column data: left to right (as in PCF2116);
column data is displayed from 1 to 60
column data: right to left;
column data is displayed from 60 to 1
Q
row data: top to bottom (as in PCF2116);
row data is displayed from 1 to 16 and icon row
data is in 17 and 18
row data: bottom to top;
row data is displayed from 16 to 1 and icon
row data is in 18 and 17
IM
character mode; full display
icon mode; only icons displayed
IB
icon blink disabled
icon blink enabled
M
1-line by 24 display
2-line by 12 display
C0
last control byte; see Table 6
another control byte follows after data/command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com