Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2103 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF2103
Description  LCD controllers/drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2103 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF2103 Datasheet HTML 1Page - NXP Semiconductors PCF2103 Datasheet HTML 2Page - NXP Semiconductors PCF2103 Datasheet HTML 3Page - NXP Semiconductors PCF2103 Datasheet HTML 4Page - NXP Semiconductors PCF2103 Datasheet HTML 5Page - NXP Semiconductors PCF2103 Datasheet HTML 6Page - NXP Semiconductors PCF2103 Datasheet HTML 7Page - NXP Semiconductors PCF2103 Datasheet HTML 8Page - NXP Semiconductors PCF2103 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
1998 May 11
5
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2103 family
6
PINNING
Note
1. This is the voltage used for the generation of LCD bias levels.
SYMBOL
DIE PAD
DESCRIPTION
VDD
1
supply voltage
OSC
2
oscillator/external clock input
PD
3
power-down pad input
T1
4
test pad (connected to VSS)
VSS
5
ground
VLCD
6VLCD input; note 1
R9 to R16
7 to 14
LCD row driver outputs 9 to 16
R18
15
LCD row driver output 18
C60 to C1
16 to 23, 26 to 50,
53 to 77, 80, 81
LCD column driver outputs 60 to 1
R8 to R1
82 to 89
LCD row driver outputs 8 to 1
R17
90
LCD row driver output 17
SCL
91
I2C-bus serial clock input
SDA
92
I2C-bus serial data input/output
E
93
data bus clock input
RS
94
register select input
R/W
95
read/write input
DB7
96
bit of bi-directional data bus
DB6
97
bit of bi-directional data bus
DB5
98
bit of bi-directional data bus
DB4
99
bit of bi-directional data bus
DB3/SA0
100
bit of bi-directional data bus/I2C-bus address pin
DB2
101
bit of bi-directional data bus
DB1
102
bit of bi-directional data bus
DB0
103
bit of bi-directional data bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com