Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC82151 Datasheet (PDF) - Sanyo Semicon Device

LC82151 Datasheet PDF - Sanyo Semicon Device
Part # LC82151
Download  LC82151 Download
File Size   65.65 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Single-Chip Facsimile Controller

LC82151 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC82151 Datasheet PDF - Sanyo Semicon Device

Part # LC82151
Download  LC82151 Click to download

File Size   65.65 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Single-Chip Facsimile Controller

LC82151 Datasheet (HTML) - Sanyo Semicon Device


LC82151 Product details

Overview
The LC82151 is a facsimile controller that integrates the main functions required by facsimile systems on a single chip. The LC82151 includes a FAX modem with ADPCM and HDLC functions, image processing functions that can create high-quality binary image data without external memory, a CODEC accelerator, a CPU and CPU peripheral circuits, general-purpose I/O ports, and other functions. A facsimile system with excellent cost performance characteristics can be created easily by providing ROM and RAM.

Functions
• CPU and peripheral circuits
   – High-speed 16-bit CPU (65C816) operating at 7.4 MHz
   – 16-MB program address space
   – CODEC accelerator
   – Two-channel DMA controller
   – Four 16-bit timers
   – 16-bit watchdog timer
   – TPH interface
   – Serial I/O interface
   – Parallel I/O: 10 to 43 pins
• Image processing
   – Processes 2048 pixels per line
   – Processing speed: 540 ns per pixel (maximum)
   – Built-in 8-bit A/D converter (Includes a sensor signal delay function.)
   – Sensor drive circuit (Supports CCDs and all major CIS devices.)
   – Distortion correction (White distortion: 8-pixel averaging correction, black correction: Allows the black correction subtraction data to be set.)
   – γ-correction (Supports user-defined correction curves.)
   – Simple binary conversion processing (fixed threshold and density-adaptive threshold)
   – Halftone processing error diffusion method (64 levels)
   – Image reduction (decimation, fine black line retention, and fine white line retention)
• Modem
   – Group 3 FAX modem
      ITU-T V.29 (9600, 7200, and 4800 bps)
      ITU-T V.27ter (4800 and 2400 bps)
      ITU-T V.21ch2 (300 bps)
   – Simultaneous high/low-speed wait function
   – Short training function (ITU-T V.27ter only)
   – HDLC function (for all transmission speeds)
   – Synthesizer function
   – Caller ID function
      Bell 202 (1200 bps)
      ITU-T V.23 (1200 bps)
   – ADPCM function
      Encoding: 2, 3, or 4 bits
      Sampling frequencies: 9.6, 7.2, 4.8, and 3.6 kHz
   – RTC low-voltage backup
   – 5-V single-voltage power supply




Similar Part No. - LC82151

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC82150 SANYO-LC82150 Datasheet
174Kb / 7P
CMOS LSI
More results


Similar Description - LC82151

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66333FP MITSUBISHI-M66333FP Datasheet
1Mb / 51P
FACSIMILE IMAGE DATA PROCESSOR
M66335FP MITSUBISHI-M66335FP Datasheet
656Kb / 57P
FACSIMILE IMAGE DATA PROCESSOR
logo
Sanyo Semicon Device
LC7230-8272 SANYO-LC7230-8272 Datasheet
537Kb / 22P
Single-chip PLL Controller
LC8214 SANYO-LC8214 Datasheet
352Kb / 14P
Facsimile Controller
LC82141 SANYO-LC82141 Datasheet
205Kb / 9P
Facsimile Controller?
LC89201 SANYO-LC89201 Datasheet
114Kb / 9P
9600-bps Facsimile Modem
logo
ATMEL Corporation
AT76C551 ATMEL-AT76C551 Datasheet
846Kb / 77P
Single Chip Bluetooth??Controller
logo
Silicon Laboratories
CP2200 SILABS-CP2200 Datasheet
1Mb / 108P
SINGLE-CHIP ETHERNET CONTROLLER
logo
STMicroelectronics
STA2051GO STMICROELECTRONICS-STA2051GO Datasheet
59Kb / 4P
Single Chip GPS Controller
10-Jan-2006
logo
fujitsu semiconductor
MB88395 FUJITSU-MB88395 Datasheet
823Kb / 2P
Automotive Single Chip Controller
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com