Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

190001 Datasheet (PDF) - SIPAT Co,Ltd

190001 Datasheet PDF - SIPAT Co,Ltd
Part # 190001
Download  190001 Download
File Size   174.66 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 1900MHz SAW Filter 40MHz Bandwidth

190001 Datasheet (PDF)

Go To PDF Page Download Datasheet
190001 Datasheet PDF - SIPAT Co,Ltd

Part # 190001
Download  190001 Click to download

File Size   174.66 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 1900MHz SAW Filter 40MHz Bandwidth

190001 Datasheet (HTML) - SIPAT Co,Ltd




Similar Part No. - 190001

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1900015 PHOENIX-1900015 Datasheet
72Kb / 3P
Base strip - EMSTBA 2,5/19-G
More results


Similar Description - 190001

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN140A35 SIPAT-LBN140A35 Datasheet
152Kb / 3P
140MHz SAW Filter 40MHz Bandwidth
LBN19203 SIPAT-LBN19203 Datasheet
141Kb / 3P
192MHz SAW Filter 40MHz Bandwidth
LB140DS48 SIPAT-LB140DS48 Datasheet
367Kb / 9P
140MHz SAW Filter 40MHz Bandwidth
LBN13011 SIPAT-LBN13011 Datasheet
136Kb / 3P
130MHz SAW Filter 40MHz Bandwidth
LBT144701 SIPAT-LBT144701 Datasheet
172Kb / 3P
1447MHz SAW Filter 40MHz Bandwidth
LBN13011 SIPAT-LBN13011 Datasheet
136Kb / 3P
130MHz SAW Filter 40MHz Bandwidth
LBN19203 SIPAT-LBN19203 Datasheet
141Kb / 3P
192MHz SAW Filter 40MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1122A TAI-SAW-TA1122A Datasheet
171Kb / 8P
SAW Filter 1900MHz SMD 1.4X1.1 mm (BW=40MHz)
TA1424A TAI-SAW-TA1424A Datasheet
153Kb / 7P
SAW Filter 1900MHz 40MHz BW SMD 1.4X1.1 mm
TA1122B TAI-SAW-TA1122B Datasheet
452Kb / 8P
SAW Filter 1900MHz SMD 1.4X1.1 mm (BW=40MHz)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com