Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS71M Datasheet (PDF) - Vectron International, Inc

TFS71M Datasheet PDF - Vectron International, Inc
Part # TFS71M
Download  TFS71M Download
File Size   206.21 Kbytes
Page   5 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Filter specification

TFS71M Datasheet (PDF)

Go To PDF Page Download Datasheet
TFS71M Datasheet PDF - Vectron International, Inc

Part # TFS71M
Download  TFS71M Click to download

File Size   206.21 Kbytes
Page   5 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Filter specification

TFS71M Datasheet (HTML) - Vectron International, Inc


TFS71M Product details

Measurement condition

   Ambient temperature: 23 °C
   Input power level: 0 dBm
   Terminating impedance: *
                          Input: 1640 Ω || -13,9 pF
                          Output: 1250 Ω || -12,8 pF




Similar Part No. - TFS71M

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS717 VECTRON-TFS717 Datasheet
87Kb / 5P
Vectron International Filter specification
TFS71C VECTRON-TFS71C Datasheet
34Kb / 4P
Filter Specification
TFS71C VECTRON-TFS71C Datasheet
161Kb / 5P
Filter specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
Filter specification
TFS71D VECTRON-TFS71D Datasheet
37Kb / 3P
Specification
More results


Similar Description - TFS71M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS836C ETC2-TFS836C Datasheet
190Kb / 5P
Filter specification
TFS1575G ETC2-TFS1575G Datasheet
166Kb / 5P
Filter specification
TFS70AV ETC2-TFS70AV Datasheet
175Kb / 5P
Filter specification
logo
Vectron International, ...
TFS37B VECTRON-TFS37B Datasheet
149Kb / 5P
Filter specification
TFS70BB VECTRON-TFS70BB Datasheet
149Kb / 5P
Filter specification
TFS70BT VECTRON-TFS70BT Datasheet
87Kb / 5P
Filter specification
TFS87F VECTRON-TFS87F Datasheet
84Kb / 5P
Filter specification
TFS92G VECTRON-TFS92G Datasheet
86Kb / 5P
Filter specification
TFS96C VECTRON-TFS96C Datasheet
111Kb / 5P
Filter specification
TFS104 VECTRON-TFS104 Datasheet
106Kb / 5P
Filter specification
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com