Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R065G Datasheet (PDF) - Holtek Semiconductor Inc

HT48R065G Datasheet PDF - Holtek Semiconductor Inc
Part # HT48R065G
Download  HT48R065G Download
File Size   731.69 Kbytes
Page   126 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Enhanced I/O Type MCU with OPA

HT48R065G Datasheet (PDF)

Go To PDF Page Download Datasheet
HT48R065G Datasheet PDF - Holtek Semiconductor Inc

Part # HT48R065G
Download  HT48R065G Click to download

File Size   731.69 Kbytes
Page   126 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Enhanced I/O Type MCU with OPA

HT48R065G Datasheet (HTML) - Holtek Semiconductor Inc


HT48R065G Product details

General Description
The Enhanced I/O MCU devices are a series of 8-bit high performance, RISC architecture microcontroller specifically designed for a wide range of applications. The usual Holtek microcontroller features of low power consumption, I/O flexibility, timer functions, oscillator options, power down and wake-up functions, watchdog timer and low voltage reset, combine to provide devices with a huge range of functional options while still maintaining a high level of cost effectiveness. The fully integrated system oscillator HIRC, which requires no external components and which has three frequency selections, opens up a huge range of new application possibilities for the device, some of which may include industrial control, consumer products, household appliances subsystem controllers, etc.

Features
CPU Features
• Operating voltage:
   fSYS= 4MHz: 2.2V~5.5V
   fSYS= 8MHz: 3.3V~5.5V
   fSYS= 12MHz: 4.5V~5.5V
• Up to 0.33μs instruction cycle with 12MHz system clock at VDD= 5V
• Oscillator types:
   External high freuency Crystal -- HXT
   External RC -- ERC
   Internal RC -- HIRC
   External low frequency crystal -- LXT
• Four operational modes: Normal, Slow, Idle, Sleep
• Fully integrated internal 4MHz, 8MHz and 12MHz oscillator requires no external components
• Watchdog Timer function
• LIRC oscillator function for watchdog timer
• All instructions executed in one or two instruction cycles
• Table read instructions
• 63 powerful instructions
• Up to 6-level subroutine nesting
• Bit manipulation instruction
• Low voltage reset function
• Wide range of available package types

Peripheral Features
• Program Memory: 1K x 14 ~ 4K x 15
• Data Memory: 64 x 8 ~ 224 x 8
• Up to 42 bidirectional I/O lines
• Up to 2 channel 8-bit PWM
• Software controlled 4-SCOM lines LCD driver with 1/2 bias
• External interrupt input shared with an I/O line
• Up to two 8-bit programmable Timer/Event Counter with overflow interrupt and prescaler
• Time-Base function
• Programmable Frequency Divider - PFD
• Two integrated operational amplifiers with interrupt function - one with programmable gain control
• Single comparator with interrupt and low power consumption




Similar Part No. - HT48R065G

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R065 HOLTEK-HT48R065 Datasheet
539Kb / 93P
Enhanced I/O Type 8-Bit OTP MCU
June 9, 2009
HT48R065 HOLTEK-HT48R065 Datasheet
631Kb / 94P
Enhanced I/O Type 8-Bit OTP MCU
HT48R065B HOLTEK-HT48R065B Datasheet
483Kb / 84P
Enhanced I/O Type 8-Bit OTP MCU
HT48R065B HOLTEK-HT48R065B_12 Datasheet
563Kb / 86P
Enhanced I/O Type 8-Bit OTP MCU
October 23, 2012
HT48R065D HOLTEK-HT48R065D Datasheet
557Kb / 100P
Enhanced I/O Type MCU with High Current LED Driver
More results


Similar Description - HT48R065G

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT68F20 HOLTEK-HT68F20 Datasheet
1Mb / 210P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
November 3, 2009
HT68F20 HOLTEK-HT68F20_10 Datasheet
1Mb / 232P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
February 1, 2010
HT48R066G HOLTEK-HT48R066G Datasheet
510Kb / 88P
Enhanced I/O Type 8-bit OTP MCU with OPA
HT68F20_1006 HOLTEK-HT68F20_1006 Datasheet
1Mb / 236P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT46R064G HOLTEK-HT46R064G Datasheet
787Kb / 136P
Enhanced A/D Type 8-Bit OTP MCU with OPA
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
Enhanced I/O Type 8-bit OTP MCU
HT68F13 HOLTEK-HT68F13 Datasheet
2Mb / 161P
Enhanced I/O Flash Type MCU
February 9, 2011
HT68F20 HOLTEK-HT68F20_11 Datasheet
2Mb / 244P
Enhanced I/O Flash Type MCU with EEPROM
March 15, 2011
HT48R064G HOLTEK-HT48R064G_12 Datasheet
786Kb / 128P
Enhanced I/O Type MCU with OPA
October 23, 2012
HT68F005 HOLTEK-HT68F005 Datasheet
4Mb / 93P
Enhanced I/O Flash Type MCU
October 22, 2012
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com