Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R065D Datasheet (PDF) - Holtek Semiconductor Inc

HT48R065D Datasheet PDF - Holtek Semiconductor Inc
Part # HT48R065D
Download  HT48R065D Download
File Size   557.72 Kbytes
Page   100 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Enhanced I/O Type MCU with High Current LED Driver

HT48R065D Datasheet (PDF)

Go To PDF Page Download Datasheet
HT48R065D Datasheet PDF - Holtek Semiconductor Inc

Part # HT48R065D
Download  HT48R065D Click to download

File Size   557.72 Kbytes
Page   100 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Enhanced I/O Type MCU with High Current LED Driver

HT48R065D Datasheet (HTML) - Holtek Semiconductor Inc


HT48R065D Product details

General Description
The Enhanced I/O MCUs are a series of 8-bit high performance, RISC architecture microcontrollers specifically designed for a wide range of applications. The usual Holtek microcontroller features of low power consumption, I/O flexibility, timer functions, oscillator options, power down and wake-up functions, watchdog timer and low voltage reset, combine to provide devices with a huge range of functional options while still maintaining a high level of cost effectiveness. The fully integrated system oscillator HIRC, which requires no external components and which has three frequency selections, opens up a huge range of new application possibilities for these devices, some of which may include industrial control, consumer products, household appliances subsystem controllers, etc.

Features
CPU Features
• Operating voltage:
   fSYS = 4MHz: 2.2V~5.5V
   fSYS = 8MHz: 3.3V~5.5V
   fSYS = 12MHz: 4.5V~5.5V
• Up to 0.33μs instruction cycle with 12MHz system clock at VDD= 5V
• Oscillator types:
   External high freuency Crystal -- HXT
   External RC -- ERC
   Internal RC -- HIRC
   External low frequency crystal -- LXT
• Three operational modes: Normal, Slow, Sleep
• Fully integrated internal 4MHz, 8MHz and 12MHz oscillator requires no external components
• Watchdog Timer function
• LIRC oscillator function for watchdog timer
• All instructions executed in one or two instruction cycles
• Table read instructions
• 63 powerful instructions
• Up to 6-level subroutine nesting
• Bit manipulation instruction
• Low voltage reset function
• Wide range of available package types

Peripheral Features
• Up to 26 bidirectional I/O lines
• Software controlled 4-SCOM lines LCD driver with 1/2 bias
• External interrupt input shared with an I/O line
• Up to three 8-bit programmable Timer/Event Counter with overflow interrupt and prescaler
• Time-Base function
• Programmable Frequency Divider -- PFD




Similar Part No. - HT48R065D

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R065 HOLTEK-HT48R065 Datasheet
539Kb / 93P
Enhanced I/O Type 8-Bit OTP MCU
June 9, 2009
HT48R065 HOLTEK-HT48R065 Datasheet
631Kb / 94P
Enhanced I/O Type 8-Bit OTP MCU
HT48R065B HOLTEK-HT48R065B Datasheet
483Kb / 84P
Enhanced I/O Type 8-Bit OTP MCU
HT48R065B HOLTEK-HT48R065B_12 Datasheet
563Kb / 86P
Enhanced I/O Type 8-Bit OTP MCU
October 23, 2012
HT48R065G HOLTEK-HT48R065G Datasheet
731Kb / 126P
Enhanced I/O Type MCU with OPA
More results


Similar Description - HT48R065D

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R52A HOLTEK-HT48R52A Datasheet
258Kb / 36P
I/O Type 8-Bit OTP MCU with 16x16 High Current LED Driver
April 25, 2007
HT48R54A HOLTEK-HT48R54A Datasheet
272Kb / 40P
I/O Type 8-Bit OTP MCU with 16x16 High Current LED Driver
July 27, 2007
HT48R52A HOLTEK-HT48R52A_10 Datasheet
252Kb / 35P
I/O Type 8-Bit OTP MCU with 1616 High Current LED Driver
HT48R54A HOLTEK-HT48R54A_10 Datasheet
283Kb / 39P
I/O Type 8-Bit OTP MCU with 1616 High Current LED Driver
HT46R064D HOLTEK-HT46R064D Datasheet
777Kb / 114P
Enhanced A/D Type MCU with High Current LED Driver
HT48R064G HOLTEK-HT48R064G Datasheet
731Kb / 126P
Enhanced I/O Type MCU with OPA
HT68F13 HOLTEK-HT68F13 Datasheet
2Mb / 161P
Enhanced I/O Flash Type MCU
February 9, 2011
HT68F20 HOLTEK-HT68F20_11 Datasheet
2Mb / 244P
Enhanced I/O Flash Type MCU with EEPROM
March 15, 2011
HT48R064G HOLTEK-HT48R064G_12 Datasheet
786Kb / 128P
Enhanced I/O Type MCU with OPA
October 23, 2012
HT68F005 HOLTEK-HT68F005 Datasheet
4Mb / 93P
Enhanced I/O Flash Type MCU
October 22, 2012
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com