Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECH8502 Datasheet (PDF) - Sanyo Semicon Device

ECH8502 Datasheet PDF - Sanyo Semicon Device
Part # ECH8502
Download  ECH8502 Download
File Size   446.99 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PNP/NPN Epitaxial Planar Silicon Transistors Gate Drive Applications

ECH8502 Datasheet (PDF)

Go To PDF Page Download Datasheet
ECH8502 Datasheet PDF - Sanyo Semicon Device

Part # ECH8502
Download  ECH8502 Click to download

File Size   446.99 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PNP/NPN Epitaxial Planar Silicon Transistors Gate Drive Applications

ECH8502 Datasheet (HTML) - Sanyo Semicon Device


ECH8502 Product details

PNP/NPN Epitaxial Planar Silicon Transistors

Features
• Composite type, facilitating high-density mounting 
• Mounting height 0.9mm
• Low collector-to-emitter saturation voltage NPN : VCE(sat)=0.08V(typ.)@IC=2.5A
                                                                       PNP : VCE(sat)= --0.12V(typ.)@IC= --2.5A
• Halogen free compliance




Similar Part No. - ECH8502

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ECH8502 ONSEMI-ECH8502 Datasheet
405Kb / 8P
Bipolar Transistor (-)50V, (-)30A, Low VCE(sat) Complementary Dual ECH8
September, 2013
ECH8502-TL-H ONSEMI-ECH8502-TL-H Datasheet
405Kb / 8P
Bipolar Transistor (-)50V, (-)30A, Low VCE(sat) Complementary Dual ECH8
September, 2013
More results


Similar Description - ECH8502

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC1008 CDIL-CSC1008 Datasheet
59Kb / 3P
NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Sanyo Semicon Device
2SA1343 SANYO-2SA1343 Datasheet
331Kb / 5P
PNP /NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Continental Device Indi...
2N4400 CDIL-2N4400 Datasheet
153Kb / 6P
NPN PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Sanyo Semicon Device
2SC4361 SANYO-2SC4361 Datasheet
88Kb / 2P
PNP/NPN Epitaxial Planar Silicon Transistors
logo
Continental Device Indi...
CSA709 CDIL-CSA709 Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Sanyo Semicon Device
2SA1420 SANYO-2SA1420 Datasheet
94Kb / 2P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Guangdong Kexin Industr...
2SB1394 KEXIN-2SB1394 Datasheet
55Kb / 2P
PNP/NPN Epitaxial Planar Silicon Transistors
logo
Sanyo Semicon Device
ECH8501 SANYO-ECH8501 Datasheet
427Kb / 5P
PNP/NPN Epitaxial Planar Silicon Transistors Gate Drive Applications
logo
Seme LAB
BUX77A SEME-LAB-BUX77A_09 Datasheet
98Kb / 3P
SILICON PLANAR EPITAXIAL NPN/PNP TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
MMBT5451DW SEMTECH_ELEC-MMBT5451DW Datasheet
410Kb / 6P
NPN/PNP Silicon Epitaxial Planar Transistors
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com