Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECH8502 Datasheet (PDF) - ON Semiconductor

ECH8502 Datasheet PDF - ON Semiconductor
Part # ECH8502
Download  ECH8502 Download
File Size   405.03 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor (-)50V, (-)30A, Low VCE(sat) Complementary Dual ECH8

ECH8502 Datasheet (PDF)

Go To PDF Page Download Datasheet
ECH8502 Datasheet PDF - ON Semiconductor

Part # ECH8502
Download  ECH8502 Click to download

File Size   405.03 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor (-)50V, (-)30A, Low VCE(sat) Complementary Dual ECH8

ECH8502 Datasheet (HTML) - ON Semiconductor


ECH8502 Product details

Bipolar Transistor
(–)50V, (–)30A, Low VCE(sat) Complementary Dual ECH8

Features
• Composite type, facilitating high-density mounting 
• Mounting height 0.9mm
• Low collector-to-emitter saturation voltage NPN : VCE(sat)=0.08V(typ.)@IC=2.5A
                                                                      PNP : VCE(sat)= --0.12V(typ.)@IC= --2.5A
• Halogen free compliance




Similar Part No. - ECH8502

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ECH8502 SANYO-ECH8502 Datasheet
446Kb / 5P
PNP/NPN Epitaxial Planar Silicon Transistors Gate Drive Applications
More results


Similar Description - ECH8502

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
ECH8501-TL-H ONSEMI-ECH8501-TL-H Datasheet
402Kb / 8P
Bipolar Transistor (??30V, (??30A, Low VCE(sat) Complementary Dual ECH8
September, 2013
CPH5506 ONSEMI-CPH5506 Datasheet
766Kb / 6P
Bipolar Transistor (-)30V, (-)5A, Low VCE(sat) Complementary Dual CPH5
March, 2014
CPH5518 ONSEMI-CPH5518 Datasheet
403Kb / 8P
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) Complementary Dual CPH5
September, 2013
CPH5520 ONSEMI-CPH5520 Datasheet
349Kb / 8P
Bipolar Transistor (-)50V, (-)5A, Low VCE(sat) Complementary Dual CPH5
September, 2013
CPH6531 ONSEMI-CPH6531 Datasheet
529Kb / 6P
Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Dual CPH6
August, 2013
ECH8501 ONSEMI-ECH8501 Datasheet
402Kb / 8P
Bipolar Transistor (-)30V, (-)30A, Low VCE(sat) Complementary Dual ECH8
September, 2013
ECH8503 ONSEMI-ECH8503 Datasheet
310Kb / 7P
Bipolar Transistor -50V, -5A, Low VCE(sat) PNP Dual ECH8
August, 2013
MCH6541 ONSEMI-MCH6541 Datasheet
578Kb / 8P
Bipolar Transistor (-)30V, (-)3A, Low VCE(sat) Complementary Dual MCPH6
September, 2013
MCH6545 ONSEMI-MCH6545 Datasheet
599Kb / 8P
Bipolar Transistor (-)50V, (-)1A, Low VCE(sat) Complementary Dual MCPH6
September, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com