Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTD6502B Datasheet (PDF) - Microchip Technology

MTD6502B Datasheet PDF - Microchip Technology
Part # MTD6502B
Download  MTD6502B Download
File Size   313.81 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 5V 3-Phase BLDC Sinusoidal Sensorless Fan Motor Driver

MTD6502B Datasheet (PDF)

Go To PDF Page Download Datasheet
MTD6502B Datasheet PDF - Microchip Technology

Part # MTD6502B
Download  MTD6502B Click to download

File Size   313.81 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 5V 3-Phase BLDC Sinusoidal Sensorless Fan Motor Driver

MTD6502B Datasheet (HTML) - Microchip Technology


MTD6502B Product details

Description:
The MTD6502B device is a 3-phase full-wave driver for brushless sensorless DC motors. It features 180° sinusoidal drive, high torque output and silent drive. With adaptive features, parameters and a wide range of power-supplies (2V to 5.5V), the MTD6502B device is intended to cover a wide range of motor characteristics, while requiring minimum external components. Speed control can be achieved through either power supply modulation or pulse-width modulation (using the PWM digital input pin).

Features:
• Position Sensorless BLDC Drivers (No Hall Sensor Required)
• 180° Sinusoidal Drive, for High Efficiency and Low Acoustic Noise
• Support 2V to 5.5V Power Supplies
• Direction Control:
   - Forward direction: connect DIR pin to GND or leave floating
   - Reverse direction: connect DIR pin to VDD
• Speed Control through Power Supply Modulation (PSM) and/or Pulse-Width Modulation (PWM)
• Built-in Frequency Generator (FG Output Signal)
• Built-in Lock-up Protection and Automatic Recovery Circuit (External Capacitor not Necessary)
• Built-in Over Current Limitation
• Built-in Thermal Shutdown Protection
• No External Tuning Required
• Available Packages:
   - 3 mm x 3 mm TDFN-10

Applications:
• Notebook CPU Cooling Fans
• 5V 3-Phase Brushless DC Motors




Similar Part No. - MTD6502B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTD6502B MICROCHIP-MTD6502B Datasheet
1Mb / 2P
Highly Integrated 3-Phase BLDC Sinusoidal Sensorless
06/12
More results


Similar Description - MTD6502B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTD6505 MICROCHIP-MTD6505 Datasheet
1Mb / 20P
Sinusoidal Sensorless 3-Phase Brushless DC Fan Motor Driver
2011
MTD6501C MICROCHIP-MTD6501C_12 Datasheet
920Kb / 24P
3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
2010-2012 11/29/11
ADM00308 MICROCHIP-ADM00308 Datasheet
1Mb / 2P
Highly Integrated 3-Phase BLDC Sinusoidal Sensorless
06/12
logo
Texas Instruments
DRV10964 TI1-DRV10964 Datasheet
2Mb / 27P
Three-Phase Sinusoidal Sensorless BLDC Motor Driver
logo
Microchip Technology
MTD6508 MICROCHIP-MTD6508 Datasheet
1Mb / 26P
3-Phase Sinusoidal Sensorless Brushless DC Fan Motor Driver
01/27/15
MTD6505 MICROCHIP-MTD6505_14 Datasheet
1Mb / 22P
3-Phase Sinusoidal Sensorless Brushless Motor Driver
03/25/14
MCP8063 MICROCHIP-MCP8063 Datasheet
392Kb / 20P
3-Phase Brushless Sinusoidal Sensorless Motor Driver
03/25/14
logo
Eutech Microelectronics...
EUM6811 EUTECH-EUM6811 Datasheet
304Kb / 1P
3-Phase Sensorless BLDC Fan Motor Driver
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
3-Phase Sensorless BLDC Motor Driver
logo
Allegro MicroSystems
A5936 ALLEGRO-A5936 Datasheet
668Kb / 12P
Three Phase Sensorless Sinusoidal Fan Driver
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com