Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTD6505 Datasheet (PDF) - Microchip Technology

MTD6505 Datasheet PDF - Microchip Technology
Part # MTD6505
Download  MTD6505 Download
File Size   1760.76 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Sinusoidal Sensorless 3-Phase Brushless DC Fan Motor Driver

MTD6505 Datasheet (PDF)

Go To PDF Page Download Datasheet
MTD6505 Datasheet PDF - Microchip Technology

Part # MTD6505
Download  MTD6505 Click to download

File Size   1760.76 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Sinusoidal Sensorless 3-Phase Brushless DC Fan Motor Driver

MTD6505 Datasheet (HTML) - Microchip Technology


MTD6505 Product details

Description
The MTD6505 device is a 3-phase, full-wave sensorless driver for brushless DC (BLDC) motors. It features 180° sinusoidal drive, high-torque output and silent drive. With the adaptive features, parameters and wide range of power supplies (2V to 5.5V), the MTD6505 is intended to cover a broad range of motor characteristics, while requiring minimum external components. Speed control can be achieved through either PSM or PWM.

Features
• 180° Sinusoidal Drive for High Efficiency and Low Acoustic Noise
• Position Sensorless BLDC Drivers (no Hall Effect Sensor required)
• Integrated Power Transistors
• Supports 2V to 5.5V Power Supplies
• Programming Resistor (RPROG) Settings to Fit Motor Constant (KM) Range from 3.25 mV/Hz to 52 mV/Hz
• Direction Control:
   - Forward direction: connect DIR pin to GND or leave floating
   - Reverse direction: connect DIR pin to VBIAS or 3V
• Speed Control through Power Supply Modulation (PSM) and/or Pulse-Width Modulation (PWM)
• Built-in Frequency Generator (FG Output Signal)
• Built-in Lockup Protection and Automatic Recovery Circuit
• Built-in Overcurrent Limitation
• Built-in Thermal Shutdown Protection
• Built-in Overvoltage Protection
• No External Tuning Required
• Available Package: 10-Lead 3mm x 3mm UDFN

Applications
• Notebook CPU Cooling Fans
• 5V 3-Phase BLDC




Similar Part No. - MTD6505

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTD6505 MICROCHIP-MTD6505 Datasheet
1Mb / 2P
Highly Integrated 3-Phase BLDC Sinusoidal Sensorless
06/12
MTD6505T-E/NA MICROCHIP-MTD6505T-E/NA Datasheet
1Mb / 22P
3-Phase Sinusoidal Sensorless Brushless Motor Driver
03/25/14
MTD6505 MICROCHIP-MTD6505_14 Datasheet
1Mb / 22P
3-Phase Sinusoidal Sensorless Brushless Motor Driver
03/25/14
More results


Similar Description - MTD6505

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1673M SANYO-LB1673M Datasheet
98Kb / 4P
3-Phase Brushless, Sensorless Motor Driver?
logo
Microchip Technology
MTD6502B MICROCHIP-MTD6502B Datasheet
313Kb / 20P
5V 3-Phase BLDC Sinusoidal Sensorless Fan Motor Driver
2011
logo
Fairchild Semiconductor
FCM8201 FAIRCHILD-FCM8201 Datasheet
689Kb / 21P
3-Phase Sinusoidal Brushless DC Motor Controller
FCM8202 FAIRCHILD-FCM8202 Datasheet
639Kb / 13P
3-Phase Sinusoidal Brushless DC Motor Controller
logo
Microchip Technology
MTD6501C MICROCHIP-MTD6501C_12 Datasheet
920Kb / 24P
3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
2010-2012 11/29/11
MTD6508 MICROCHIP-MTD6508 Datasheet
1Mb / 26P
3-Phase Sinusoidal Sensorless Brushless DC Fan Motor Driver
01/27/15
MTD6505 MICROCHIP-MTD6505_14 Datasheet
1Mb / 22P
3-Phase Sinusoidal Sensorless Brushless Motor Driver
03/25/14
MCP8063 MICROCHIP-MCP8063 Datasheet
392Kb / 20P
3-Phase Brushless Sinusoidal Sensorless Motor Driver
03/25/14
logo
Feeling Technology Corp...
FD036KT FEELING-FD036KT Datasheet
148Kb / 11P
Sensorless 3-phase brushless DC Motor driver
logo
Allegro MicroSystems
A5936 ALLEGRO-A5936 Datasheet
668Kb / 12P
Three Phase Sensorless Sinusoidal Fan Driver
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com