Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC89066 Datasheet (PDF) - Sanyo Semicon Device

LC89066 Datasheet PDF - Sanyo Semicon Device
Part # LC89066
Download  LC89066 Download
File Size   51.64 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 6-Bit Video A/D Converters

LC89066 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC89066 Datasheet PDF - Sanyo Semicon Device

Part # LC89066
Download  LC89066 Click to download

File Size   51.64 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 6-Bit Video A/D Converters

LC89066 Datasheet (HTML) - Sanyo Semicon Device


LC89066 Product details

Overview
The LC89066 and LC89066M are high-speed analog-to-digital converters. They are of flash type, operate from single 5V supply, and feature a 15 Mega-samples per second conversion rate and low power dissipation.
   
Features
• Conversion rate: 15 MSPS
• Low power dissipation: 120 mW
• Linearity error within ±0.8 LSB (max)
• TTL-compatible inputs
• LC89066: DIP-16
    LC89066M: MFP-20
   




Similar Part No. - LC89066

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89060 SANYO-LC89060 Datasheet
94Kb / 5P
6-Bit Video D/A Converters
LC89060M SANYO-LC89060M Datasheet
94Kb / 5P
6-Bit Video D/A Converters
More results


Similar Description - LC89066

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89060 SANYO-LC89060 Datasheet
94Kb / 5P
6-Bit Video D/A Converters
logo
Sony Corporation
CXD1172AM SONY-CXD1172AM Datasheet
364Kb / 11P
6-bit 20MSPS Video A/D Converter (CMOS)
logo
Intersil Corporation
CA3306 INTERSIL-CA3306 Datasheet
111Kb / 16P
6-Bit, 15 MSPS, Flash A/D Converters
August 1997
CA3338 INTERSIL-CA3338 Datasheet
59Kb / 7P
CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
August 1997
HI1172 INTERSIL-HI1172 Datasheet
60Kb / 7P
6-Bit, 20 MSPS,Video A/D Converter (CMOS)
August 1997
logo
List of Unclassifed Man...
AH8304TC ETC1-AH8304TC Datasheet
257Kb / 5P
RGB 4-Bit Composite Video D/A converters
logo
fujitsu semiconductor
MB40576 FUJITSU-MB40576 Datasheet
508Kb / 11P
ASSP 1 CHANNEL 6-BIT VIDEO A/D CONVERTER
logo
Intersil Corporation
CA3306 INTERSIL-CA3306_02 Datasheet
341Kb / 17P
6-Bit, 15 MSPS, Flash A/D Converters
November 2002
HI1172 INTERSIL-HI1172_00 Datasheet
82Kb / 7P
6-Bit, 20MSPS, Video A/D Converter (CMOS)
September 2000
logo
DATEL, Inc.
ADC-833 DATEL-ADC-833 Datasheet
358Kb / 6P
6-Bit Video Flash A/D Conyerter ADC-833
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com